Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W2635A Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # W2635A
Description  BGA Probe Adapter for Infiniium Oscilloscopes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

W2635A Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button W2635A Datasheet HTML 3Page - Agilent(Hewlett-Packard) W2635A Datasheet HTML 4Page - Agilent(Hewlett-Packard) W2635A Datasheet HTML 5Page - Agilent(Hewlett-Packard) W2635A Datasheet HTML 6Page - Agilent(Hewlett-Packard) W2635A Datasheet HTML 7Page - Agilent(Hewlett-Packard) W2635A Datasheet HTML 8Page - Agilent(Hewlett-Packard) W2635A Datasheet HTML 9Page - Agilent(Hewlett-Packard) W2635A Datasheet HTML 10Page - Agilent(Hewlett-Packard) W2635A Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
W2636A-011 dimensions, pad numbering and location
Size
Height = 19.05 mm (0.750 in)
Width = 12.192 mm (0.480 in)
Thickness = 1.575 mm (0.062 in)
Brings 26 signals to SMT pads for probing
Provides 14 GND pads (7 on either side of DDR3 BGA probe adapter)
75-ohm buried tip resistor
Signal
Pin #
GND
21
DQ12
22
DQ14
23
GND
24
UDQS#
25
UDQS
26
GND
27
DQ3
28
DQ5
29
GND
30
CK
31
CK#
32
GND
33
CKE
34
A10
35
GND
36
BA1
37
A12
38
GND
39
A11
40
DDR3 BGA probe adapters dimensions, pad numbering and location
Table 4. W2636A-011 pad numbering
Pin #
Signal
1
GND
2
DQ13
3
DQ9
4
GND
5
DQ0
6
LDQS
7
GND
8
LDQS#
9
RAS
10
GND
11
CAS
12
ODT
13
GND
14
CS0
15
CS1
16
GND
17
WE
18
BA0
19
GND
20
BA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com