Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B30674-D2024-R424 Datasheet(PDF) 9 Page - EPCOS

Part # B30674-D2024-R424
Description  SAW Components
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B30674-D2024-R424 Datasheet(HTML) 9 Page - EPCOS

Back Button B30674-D2024-R424 Datasheet HTML 5Page - EPCOS B30674-D2024-R424 Datasheet HTML 6Page - EPCOS B30674-D2024-R424 Datasheet HTML 7Page - EPCOS B30674-D2024-R424 Datasheet HTML 8Page - EPCOS B30674-D2024-R424 Datasheet HTML 9Page - EPCOS B30674-D2024-R424 Datasheet HTML 10Page - EPCOS B30674-D2024-R424 Datasheet HTML 11Page - EPCOS B30674-D2024-R424 Datasheet HTML 12Page - EPCOS B30674-D2024-R424 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Dec 19, 2008
SAW Components
B30674-D2024-R424
D2024
SAW Frontend Module for Mobile Communication
Data Sheet
EPCOS
Please read cautions and warnings and
important notes at the end of this document.
Characteristics GSM850/EGSM TX
Operating temperature range:
T
= –30 ... +85
°C
Terminating source impedance:
ZI = 50 Ω
Terminating load impedance:
ZO = 50 Ω
D2024
min.
typ.
25
°C
max.
Passband frequency
fTx
824
849
Insertion loss
ILTx
—
1.45
1.7
dB
Amplitude ripple
—
0.05
0.4
dB
VSWR Antenna
VSWR
—
1.35
1.5
VSWR Tx
VSWR
—
1.35
1.5
Passband frequency
fTx
880
915
Insertion loss
ILTx
—
1.45
1.7
dB
Amplitude ripple
—
0.1
0.4
dB
VSWR Antenna
VSWR
—
1.3
1.5
VSWR Tx
VSWR
—
1.3
1.5
Attenuation
2fTx
1648 ... 1698 MHz
30
32
—
dB
1760 ... 1830 MHz
29
31
—
dB
3fTx
2472 ... 2547 MHz
25
37
—
dB
2640 ... 2745 MHz
25
30
—
dB
4fTx
3296 ... 3396 MHz
23
38
—
dB
3520 ... 3660 MHz
23
38
—
dB
Isolation
GSM850/EGSM Tx -> GSM850 Rx
824 ...
915 MHz
30
48
—
dB
GSM850/EGSM Tx -> EGSM Rx
824 ...
915 MHz
35
60
—
dB
GSM850/EGSM Tx -> PCN Rx
824 ...
915 MHz
35
50
—
dB
1805 ... 1880 MHz
28
32
—
dB
GSM850/EGSM Tx -> PCS Rx
824 ...
915 MHz
35
55
—
dB
GSM850/EGSM Tx -> WCDMA850
824 ...
915 MHz
23
35
—
dB
GSM850/EGSM Tx -> WCDMA1900
824 ...
915 MHz
23
34
—
dB
GSM850/EGSM Tx -> WCDMA2100
824 ...
915 MHz
23
30
—
dB
PCN/PCS Tx -> Ant
1648 ... 1830 MHz
20
26
—
dB
2472 ... 2745 MHz
15
20
—
dB
WCDMA2100-> WCDMA1900
1930 ... 1980 MHz
23
29
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com