Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B30674-D2024-R424 Datasheet(PDF) 17 Page - EPCOS

Part # B30674-D2024-R424
Description  SAW Components
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B30674-D2024-R424 Datasheet(HTML) 17 Page - EPCOS

Back Button B30674-D2024-R424 Datasheet HTML 13Page - EPCOS B30674-D2024-R424 Datasheet HTML 14Page - EPCOS B30674-D2024-R424 Datasheet HTML 15Page - EPCOS B30674-D2024-R424 Datasheet HTML 16Page - EPCOS B30674-D2024-R424 Datasheet HTML 17Page - EPCOS B30674-D2024-R424 Datasheet HTML 18Page - EPCOS B30674-D2024-R424 Datasheet HTML 19Page - EPCOS B30674-D2024-R424 Datasheet HTML 20Page - EPCOS B30674-D2024-R424 Datasheet HTML 21Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
Dec 19, 2008
SAW Components
B30674-D2024-R424
D2024
SAW Frontend Module for Mobile Communication
Data Sheet
EPCOS
Please read cautions and warnings and
important notes at the end of this document.
Characteristics GSM850 RX
Operating temperature range:
T
= –30 ... +85
°C
Terminating source impedance:
ZI = 50 Ω
Terminating load impedance:
ZO = 150 Ω || 47 nH
D2024
min.
typ.
@25
°C
max.
Passband frequency
fRx
869
894
Insertion loss
@25
°C
ILRx
—
2.15
3.3
dB
Insertion loss
@ –10
°C ... +85 °C
—
2.5
3.6
dB
Insertion loss
@ –30
°C ... +85 °C
—
2.6
3.6
dB
Amplitude ripple
—
1.0
1.5
dB
Amplitude imbalance (|S31/S21|)
—
±0.5
±1.5
dB
Phase imbalance
φ(S31) - φ(S21) - 180°
—
±6
±10
deg
VSWR Antenna
VSWR
—
1.6
2.3
VSWR Rx
VSWR
—
1.6
2.3
Attenuation
0...
824 MHz
30
35
—
dB
824 ...
849 MHz
30
40
—
dB
914 ... 1000 MHz
23
30
—
dB
1000 ... 1738 MHz
30
36
—
dB
1738 ... 1788 MHz
35
45
—
dB
1788 ... 2400 MHz
30
45
—
dB
2400 ... 2500 MHz
35
48
—
dB
2500 ... 2607 MHz
30
48
—
dB
2607 ... 2682 MHz
35
42
—
dB
2682 ... 4345 MHz
30
44
—
dB
4345 ... 4470 MHz
35
44
—
dB
4470 ... 6000 MHz
30
44
—
dB
Isolation
GSM850/EGSM Tx -> Ant
824 ...
849 MHz
20
38
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com