Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH09124R7ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # RH09124R7ML
Description  RADIAL INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RH09124R7ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  RH09124R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PACKAGING NO. : B
REEL : 500 PCS
PACKAGING INFORMATION :
1、INTERNAL PACKAGING : 500PCS / R
DWG NO.
RH0912
Q'TY & G.W.PER PACKAGEING :
3、EXTERNAL PACKAGING : 6 BOX / CARTON
2、MIDDLE PACKAGING : 1 R / BOX
AR-001A
NAME
PROD.
REF :
345 m/m
37.5x37.0x37.5
SIZE (cm)
STYLE (m/m)
13-54
375 m/m
INNER : REEL
Q'TY(PCS)
500
1100
G.W.(gw)
OUTER : CARTON
G.W.(Kg)
Q'TY(PCS)
3000
7.20
RH0912□□□□L□-□□□
COVER TAPE
CARRIER TAPE WIDTH : D
※
EMBOSSED CARRIER
LABEL
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
54 m/m
RADIAL INDUCTOR
PAGE: 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com