Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH09124R7ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # RH09124R7ML
Description  RADIAL INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RH09124R7ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  RH09124R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp RH09124R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
F : 5.0±0.3
B : 11.8±0.3
A : 9.3±0.3
RH0912□□□□L□-□□□
SPECIFICATION FOR APPROVAL
W : 0.65±0.05
∮
AR-001A
Ⅳ﹒
GENERAL SPECIFICATION:
e﹒Remark:Products comply with RoHS' requirements
a﹒Temp. rise:20℃ max. at rated current.
b﹒Storage temp.:-25℃ ---- +85℃
c﹒Operating temp.:-20℃---- +80℃
c﹒Housing:PBT-4130 UL94V-0
d﹒Adhesive: Epoxy resin
c
NAME
PROD.
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
Ⅲ﹒
MATERIALS:
REF :
D
a﹒Core:Ferrite DR core
b﹒Wire:Enamelled copper wire (class F)
White Color Marking
RADIAL INDUCTOR
C
A∮
B
C : 25.0±5
D : 18.0±5
ABC'S DWG NO.
ABC'S ITEM NO.
d
a
b
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - RH09124R7ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RH0910100KL ABC-RH0910100KL Datasheet
478Kb / 6P
RADIAL INDUCTOR
RH0910101KL ABC-RH0910101KL Datasheet
478Kb / 6P
RADIAL INDUCTOR
RH0910102KL ABC-RH0910102KL Datasheet
478Kb / 6P
RADIAL INDUCTOR
RH0910150KL ABC-RH0910150KL Datasheet
478Kb / 6P
RADIAL INDUCTOR
RH0910151KL ABC-RH0910151KL Datasheet
478Kb / 6P
RADIAL INDUCTOR
More results

Similar Description - RH09124R7ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB09143R3ML ABC-RB09143R3ML Datasheet
403Kb / 5P
RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
RADIAL INDUCTOR
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
RADIAL INDUCTOR
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
RADIAL INDUCTOR
RH09104R7ML ABC-RH09104R7ML Datasheet
478Kb / 6P
RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
RADIAL INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com