Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH006A0X4 Datasheet(PDF) 13 Page - Lineage Power Corporation

Part # ATH006A0X4
Description  2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH006A0X4 Datasheet(HTML) 13 Page - Lineage Power Corporation

Back Button ATH006A0X4 Datasheet HTML 9Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 10Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 11Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 12Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 13Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 14Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 15Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 16Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 17Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
June 24, 2008
Austin MicroLynxTM II SIP Non-isolated Power Modules:
2.4 – 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
LINEAGE POWER
13
Feature Descriptions (continued)
Output Voltage Programming
The output voltage of the Austin MicroLynx
TM II SIP can
be programmed to any voltage from 0.75 Vdc to 3.3 Vdc
by connecting a single resistor (shown as Rtrim in Figure
30) between the TRIM and GND pins of the module.
Without an external resistor between TRIM pin and the
ground, the output voltage of the module is 0.7525 Vdc.
To calculate the value of the resistor Rtrim for a particular
output voltage Vo, use the following equation:
Ω
⎥⎦
⎤
⎢⎣
⎡
−
−
=
5110
7525
.
0
21070
Vo
Rtrim
For example, to program the output voltage of the Austin
MicroLynx
TM II module to 1.8 Vdc, Rtrim is calculated is
follows:
⎥⎦
⎤
⎢⎣
⎡
−
−
=
5110
7525
.
0
8
.
1
21070
Rtrim
Ω
=
k
Rtrim
004
.
15
VO(+)
TRIM
GND
Rtrim
LOAD
VIN(+)
ON/OFF
Vout
Figure 30. Circuit configuration to program output
voltage using an external resistor.
Table 1 provides Rtrim values required for some common
output voltages.
Table 1
VO, set (V)
Rtrim (KΩ)
0.7525
Open
1.2
41.973
1.5
23.077
1.8
15.004
2.5
6.947
3.3
3.160
By using a 1% tolerance trim resistor, set point
tolerance of ±2% is achieved as specified in the
electrical specification. The POL Programming Tool,
available at www.lineagepower.com under the Design
Tools section, helps determine the required external trim
resistor needed for a specific output voltage.
Voltage Margining
Output voltage margining can be implemented in the
Austin MicroLynx
TM II modules by connecting a
resistor, Rmargin-up, from the Trim pin to the ground pin
for margining-up the output voltage and by connecting
a resistor, Rmargin-down, from the Trim pin to the Output
pin for margining-down. Figure 31 shows the circuit
configuration for output voltage margining. The POL
Programming Tool, available at
www.lineagepower.com under the Design Tools
section, also calculates the values of Rmargin-up and
Rmargin-down for a specific output voltage and % margin.
Please consult your local Lineage Power technical
representative for additional details.
Vo
Austin Lynx or
Lynx II Series
GND
Trim
Q1
Rtrim
Rmargin-up
Q2
Rmargin-down
Figure 31. Circuit Configuration for margining
Output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com