Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH006A0X4 Datasheet(PDF) 18 Page - Lineage Power Corporation

Part # ATH006A0X4
Description  2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH006A0X4 Datasheet(HTML) 18 Page - Lineage Power Corporation

Back Button ATH006A0X4 Datasheet HTML 11Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 12Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 13Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 14Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 15Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 16Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 17Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 18Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 19Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
June 24, 2008
Austin MicroLynxTM II SIP Non-isolated Power Modules:
2.4 – 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
LINEAGE POWER
18
Recommended Pad Layout
Dimensions are in millimeters and (inches).
Tolerances: x.x mm
± 0.5 mm (x.xx in. ± 0.02 in.) [unless otherwise indicated]
x.xx mm
± 0.25 mm (x.xxx in ± 0.010 in.)
PIN
FUNCTION
1
Vo
2
Trim
3
GND
A
SEQ
4
VIN
5
On/Off
Through-Hole Pad Layout – Back view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com