Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43044 Datasheet(PDF) 19 Page - EPCOS

Part # B43044
Description  Aluminum electrolytic capacitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43044 Datasheet(HTML) 19 Page - EPCOS

Back Button B43044 Datasheet HTML 14Page - EPCOS B43044 Datasheet HTML 15Page - EPCOS B43044 Datasheet HTML 16Page - EPCOS B43044 Datasheet HTML 17Page - EPCOS B43044 Datasheet HTML 18Page - EPCOS B43044 Datasheet HTML 19Page - EPCOS B43044 Datasheet HTML 20Page - EPCOS B43044 Datasheet HTML 21Page - EPCOS B43044 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Single-ended capacitors
B41044, B43044
Taping, packing and lead configurations
19 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Cut leads
Last 3 digits of ordering code: 002
Case size d
× l (mm) a (mm)
Case size d
× l (mm) a (mm)
4
× 7
1.5
12.5
× 16
5.0
5
× 7
2.0
12.5
× 20
5.0
5
× 11
2.0
12.5
× 25
5.0
6.3
× 7
2.5
12.5
× 31.5
5.0
6.3
× 11
2.5
12.5
× 35.5
5.0
6.3
× 15
2.5
12.5
× 40
5.0
8
× 7
3.5
16
× 20
7.5
8
× 11.5
3.5
16
× 25
7.5
8
× 15
3.5
16
× 31.5
7.5
8
× 20
5.0
16
× 35.5
7.5
10
× 12.5
5.0
16
× 40
7.5
10
× 16
5.0
18
× 20
7.5
10
× 20
5.0
18
× 25
7.5
10
× 25
5.0
18
× 31.5
7.5
10
× 31.5
5.0
18
× 35.5
7.5
18
× 40
7.5
KAL1086-R
4.5±0.5
l
AEC-C_B41044_B43044.book Seite 19 Dienstag, 5. August 2008 4:13 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com