Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43044 Datasheet(PDF) 4 Page - EPCOS

Part # B43044
Description  Aluminum electrolytic capacitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43044 Datasheet(HTML) 4 Page - EPCOS

  B43044 Datasheet HTML 1Page - EPCOS B43044 Datasheet HTML 2Page - EPCOS B43044 Datasheet HTML 3Page - EPCOS B43044 Datasheet HTML 4Page - EPCOS B43044 Datasheet HTML 5Page - EPCOS B43044 Datasheet HTML 6Page - EPCOS B43044 Datasheet HTML 7Page - EPCOS B43044 Datasheet HTML 8Page - EPCOS B43044 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Single-ended capacitors
B41044, B43044
Very low impedance – 105
°C
4
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Frequency multiplier
for rated ripple current
Voltage range
6.3 ... 100 V DC
Frequency
50 ... 60 Hz 120 Hz
1 kHz
10 kHz
100 kHz
0.47 … 10
µF
–
0.42
0.60
0.80
1.00
22 … 33
µF
–
0.55
0.75
0.90
1.00
47 … 330
µF
–
0.70
0.85
0.95
1.00
470 … 1000
µF –
0.75
0.90
0.98
1.00
2200 ... 15000
µF –
0.80
0.95
1.00
1.00
Voltage range
160 ... 450 V DC
0.40
0.50
0.75
0.90
1.00
Temperature multiplier
for rated ripple current
+70
°C+85 °C+105 °C
6.3 ... 100 V DC 2.0
1.7
1.0
160 ... 450 V DC 1.8
1.4
1.0
AEC-C_B41044_B43044.book Seite 4 Dienstag, 5. August 2008 4:13 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com