Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS0603150ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS0603150ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0603150ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS0603150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Embossed carrier
G
21±0.8
( 3 ) Q'TY & G.W. Per package
860
G.W. (gw)
Inner : Reel
1,000
SS0603
Q'TY (pcs)
Series
( 2 ) Dimensions
B
A
Style
13 - 16
330
G.W. (Kg)
9.5
Outer : Carton
13 - 16
6,000
Style
Q'TY (pcs)
40 x 40 x 24
Size (cm)
18
D
C
13±0.5
16
N
GT
-0
50
+0
22.4
Unit:m/m
Carrier tape width : D
※
PACKAGING INFORMATION
Ⅵ﹒
:
C
∮
2.0±0.5
( 1 ) Configuration
D
Cover tape
T
1 0 1
1 0 1
1 0 1
1 0 1
P:12 m/m
4 m/m
AE-001A
SPECIFICATION FOR APPROVAL
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 3
PROD.
NAME
User direction of feed
Components
200 m/m Min.
no component
Leader
no component
Trailer
400 m/m Min.
End
Start
POWER INDUCTOR
SHIELDED SMD
SS0603□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com