Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS0603150ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SS0603150ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0603150ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SS0603150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0603150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
E4008
NC , WT , BK
AE-001A
E400(Y)L , E4008L
NC , BK
E4810
NC , BK
E4010
NC , BK
E4008 , E400X
Mtl Dsg
NC , BK
Col
___
___
130
130
130
___
94V-0
0.30
___
___
___
220
220
130
220
220
220
130
130
130
130
130
130
130
130
220
94V-0
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.30
3.0
0.75
1.5
0.75
3.0
1.5
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.30
0.75
1.5
3.0
0.75
3.0
1.5
130
130
130
130
130
130
130
130
130
130
130
130
130
0
1
0
130
130
130
3
1
2
130
200
200
180
180
200
200
130
240
220
240
2
3
1
240
220
240
2
3
1
___
___
___
___
4
4
4
0
___
4
4
4
___
0
___
___
___
___
5
___
4
___
___
5
___
4
___
___
___
4
4
4
___
0
___
___
4
4
4
___
0
___
___
___
___
___
5
___
4
___
___
___
5
___
4
___
___
W
___
H
___
130
130
130
130
Elec
UL94
Min
94V-0
94V-0
94V-0
Flame
94V-0
0.30
0.75
1.5
3.0
mm
Thk
Class
Mech
130
130
130
130
with
Imp
130
130
130
130
2
3
1
Imp
w/o
I
RTI
4C
HV
___
4
4
4
___
___
0
___
A
I
___
T
R
___
___
___
___
5
___
4
___
___
5
9
___
T
I
___
E54705 (M)
HD
POWER INDUCTOR
SPECIFICATION FOR APPROVAL
SHIELDED SMD
NAME
PROD.
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 7
SS0603□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com