Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE703 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE703
Description  White LED PFM Step-Up DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE703 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE703 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE703 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 
                                                                                                                      
ACE703
                        Technology
White LED PFM Step-Up DC-DC Converter
VER 1.2
Description
The ACE703 is a PFM step-up DC-DC converter specifically designed to drive white LEDs with a
constant current. It can deliver stable constant output current from 0mA to 500mA by adjusting the
external resistor.
The ACE703 can drive one or more LEDs in parallel connection, also it can drive two in series, several
in parallel connection from one or two battery cells. With overvoltage limit protection circuit interiorly, the
chip and the external circuits will be safe even if the load is not connected. The device also can deliver
steady constant output voltage from 2.5V to 6.0V by adjusting the external resistor.
The ACE703 integrates stable reference circuits and it uses trimming technology in the process, so it can
afford high precision and low temperature-drift coefficient output current or output voltage.
The ACE703 devices are available in SOT-89-5 package.
Features
Low start-up voltage (when the output current is 1mA)--------------------------0.8V
The converter can output constant voltage from 2.5V to 6.0V or it can output constant current from
0 to 500mA by adjusting the external resistor.
Output current accuracy -----------±10%
Low temperature-drift coefficient of the output current------------------±100ppm/℃
Only four external components are necessary: an inductor, a Schottky diode, an output filter capacitor
and a resistor.
High conversion efficiency (When Vin=2.5V, for 1W LED)----------80%
Application
Power source for white LED
Supply constant current
Power source for a single or dual-cell battery-powered equipments
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input supply voltage
-0.3~10
V
LX pin voltage
-0.3 ~ Vout+0.3 V
CE pin voltage
-0.3 ~ Vout+0.3 V
IFB pin voltage
-0.3 ~ Vout+0.3 V
Lx pin output current
1.5
A
Power Dissipation PD@T=25
OC
SOT-89-5
0.5
W
Junction temperature
150
OC
Storage temperature
- 40 to 125
OC
Operating free-air temperature
-20 ~ 85
OC


Similar Part No. - ACE703

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701 ACE-ACE701 Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE7010M ACE-ACE7010M Datasheet
504Kb / 7P
N-Channel 100-V (D-S) MOSFET
VER 1.1
ACE701125AM+H ACE-ACE701125AM+H Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701125BN+H ACE-ACE701125BN+H Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
More results

Similar Description - ACE703

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
logo
SHANGHAI BELLING CO., L...
BL8532 BELLING-BL8532 Datasheet
2Mb / 13P
White LED PFM Step-Up DC-DC Converter
logo
Holtek Semiconductor In...
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
SHANGHAI BELLING CO., L...
BL8532B BELLING-BL8532B Datasheet
173Kb / 11P
White LED PFM Step-Up DC-DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
PFM Step-up DC/DC Converter
June 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com