Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE721A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE721A
Description  1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE721A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
                                                                                                                  
ACE721A
                        Technology
1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
2
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress rating only, and functional operation of the device at these or any other conditions beyond those indicated under
“Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for extended periods may affect
device reliability.
Packaging Type
5
4
1
2
3
Ordering information
Selection Guide
ACE721A XX XX + H
Functional Block Diagram
Pin
SOT-23-5
1
EN
2
GND
3
SW
4
VIN
5
FB
Halogen - free
BN : SOT-23-5
ADJ: Adjustable Voltage
Pb - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com