Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE721A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE721A
Description  1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE721A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
                                                                                                                  
ACE721A
                        Technology
1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
3
Recommended Work Conditions
Item
Min
Typ
Max
Unit
Input Voltage (VIN)
2.5
5.5
V
Maximum Output Current (IOUT(MAX))
800
mA
Operating Ambient Temperature (TA) -40
85
℃
Electrical Characteristics
VIN=VEN=3.6V, TA=25℃, unless otherwise specified. Specifications with boldface type apply over full operating
temperature range from -40 to 85℃
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Current
ICC
VFB=0.55V
400
600
μA
Shutdown Supply Current
ISHDN
VEN=0V, VIN=5.5V
0.01
1
μA
Under Voltage Lockout
Threshold
VUVLO
Rising edge
2.27
V
Under Voltage Lockout
Hysteresis
VHUVLO
200
mV
Feedback Bias Current
IFB
VFB=0.65V
-50
0.5
50
nA
Feedback Voltage
VFB
IOUT=100mA
0.588 /
0.582
0.600
0.612 /
0.618
V
VIN=2.5V, VOUT=0.9V
800
VIN=3.6V, VOUT=1.2V
800 
Maximum Output Current
IOUT(MAX)
VIN=4.6V, VOUT=3.3V
800 
mA
Switch Current Limit
ILIM
VFB=0.55V
0.85
1.15
A
Oscillator Frequency
fOSC
0.8
1.2
1.4
MHz
VENL
0.6
EN Pin Threshold
VENH
1.5
V
IH
VEN=3.6V
-0.1
0.1
EN Pin Input Leakage Current
IL
VEN=0V
-0.1
0.1
μA
Internal PFET On Resistance
RDSONP
ISW=100mA
0.44
Ω
Internal NFET On Resistance
RDSONN
ISW=-100mA
0.29
Ω
Maximum Duty Cycle
DMAX
VFB=0.55V
100
%
Soft-start Time
TSS
VEN=0V to VIN
IOUT=50mA
220
μS
Thermal Shutdown Threshold
TOTSD
160
℃
Thermal Shutdown Hysteresis
THYS
30
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com