Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11
Description  11mm Size Metal Shaft Type
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  EC11 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3.5
5
(
15)
20
77
Dummy terminal
R0.5
C1
11.7
AC B
9.2
(Switch01)
3.5
Incremental
Type
Absolute
Type
184
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
11mm Size Metal Shaft Type
EC11 Series
Encoder
4.5
3.5
(13.5)
18
Mouting
surface
1.5
3.5
5
(Switch02)
(Switch01) 0.5G45$
CHAM
13.1
9.2
11.7
Switch travel
DE
ACB
9
AC B
12.5
5
Dummy
1.5
5-ø1 holes
5
Self-return switch
Dimensions
Unit:mm
Photo
Style
No.
PC board mounting hole
dimensions
(Viewed from mounting side)
7
8
11.7
25
5.1
9
8
20 teeth knurl
3.5
(Switch01)
Dummy terminal
Lock travel
Total travel
3.5
9.2
A C B
DE
Total travel
11.7
26.4
6.5
9
8
20 teeth knurl
3.5
(Switch01)
(Switch02)
Lock travel
3.5
9.2
A C B
DE
ø5.4
hole
A C B
12.5
Dummy
5-ø1 holes
5
5
1.5
A C B
D
E
12.5
5-ø1 holes
5
5
1.5
Push-lock mechanism
Push-lock mechanism
with push-lock switch
8±0.1
90û±2û
0.1
20 teeth knurl
Less shaft wobble
with push-on switch
(travel 1.5mm)
6
8±0.1
90û±2û
0.1
20 teeth knurl
8±0.1
90û±2û
0.1
20 teeth knurl
Center of shaft
12.5
5
E
D
5
1.5
5-¿1 holes
AC B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com