Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11
Description  11mm Size Metal Shaft Type
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  EC11 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Incremental
Type
Absolute
Type
186
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Product Varieties
LB
1.6
C0.5
L1
ø7
2
)Flat Type
Unit:mm
● Detailed dimensions
L1
LB
R
15
15
20
5
7
7
7
5
(6)
10
(12)
25
7
12
3
)Slotted Type
Unit:mm
● Detailed dimensions
L1
15
20
25
7
7
7
LB
Dimensions marked with ( ) apply to products without push-on switches.
2.
Standard Dimensions and configuration of Dual-shaft Type
L1
C0.5
ø8
C0.5
R2
LB
L2
R1
1
)Flat Type
Unit:mm
Configuration
(Inner-shaft :φ3.5 Outer-shaft :φ6)
● Detailed dimensions
L1
R1
R2
L2
LB
20
25
30
10
15
20
5
7
7
7
7
7
4
5
5
※Does not comply with EC111
1. Single-shaft Type
1
)Knurled Type
Unit:mm
● Detailed dimensions
L1
LB
S1
R1
R2
20
7
6
1
7
25
7
10
2
11
Not applicable for EC11E
with push-lock mechanism
and EC11G
Configuration
(Shaft diameter:φ6)
L1
LB
R
C1
ø7
※
※
Shaft Dimensions
1. The
highlighted figures in shaft types refer to Product Specifications in P.181 and P.182.
2. Products other than those listed in the above chart are also available. Please contact us for details
Notes
Configuration
(Shaft diameter:φ6)
Configuration
(Shaft diameter:φ6)
L1
S1
0.5 or 1
LB
¿7
C1
R1
R2
18 teeth knurl
11mm Size Metal Shaft Encoders



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com