Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11J Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11J
Description  11mm Size Metal Shaft Long Life Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11J Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  EC11J Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L1
S1
0.5
LB
¿8.975
C1
R1
18 teeth knurl
Incremental
Type
Absolute
Type
189
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
● Detailed dimensions
L1
LB
R
15
20
7
10
5
7
● Detailed dimensions
L1
15
20
7
10
LB
Series
(Reflow type)
EC11J
260
230
180
120
240
A
(℃)
3s max.
B
(℃)
C
(℃)
150
D
(℃)
E
(s)
F
(s)
G
(s)
LB
1.6
C0.5
L1
¿8.975
2
)Flat Type
Unit:mm
3
)Slotted Type
Unit:mm
1. Single-shaft Type
1
)Knurled Type
Unit:mm
Configuration
(Shaft diameter:φ5.975)
L1
LB
R
C1
¿8.975
Shaft Dimensions
1. The
highlighted figures in shaft types refer to Product Specifications in P.187.
2. Products other than those listed in the above chart are also available. Please contact us for details
Notes
Configuration
(Shaft diameter:φ5.975)
Configuration
(Shaft diameter:φ5.975)
Product Varieties
L1
LB
S1
R1
20
7
6
7
15
5
6
7
● Detailed dimensions
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T)at soldering portion(copper foil surface).A heat resisting tape
should be used for fixed measurement.
3. Temperature profile
300
200
100
A
B
C
D
Time (s)
40 max.
F max.
E max.
G max.
Room
temperature
Pre-heating
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where
the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size,
thickness, etc. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. You are requested to verify the soldering
conditions thoroughly beforehand.
Notes
Soldering Conditions
11mm Size Metal Shaft Long Life Encoders



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com