Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC11J Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11J
Description  11mm Size Metal Shaft Long Life Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11J Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC11J Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11J Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Incremental
Type
Absolute
Type
187
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
EC11K0920401
EC11K1520401
EC11K0924401
EC11K1524402
EC11K0925401
EC11K1525401
EC11K0920601
EC11K1520601
EC11K0924601
EC11K1524601
EC11K0925601
EC11K1525601
EC11K0920801
EC11K1520801
EC11K0924801
EC11K1524801
EC11K0925801
EC11K1525801
EC11J0920402
EC11J1520402
EC11J0924411
EC11J1524413
EC11J0925403
EC11J1525402
EC11J0920602
EC11J1520602
EC11J0924602
EC11J1524604
EC11J0925602
EC11J1525602
EC11J0920802
EC11J1520803
EC11J0924802
EC11J1524802
EC11J0925802
EC11J1525802
The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Note
11mm Size Metal Shaft Long Life Type
EC11J/EC11K Series
Compact and highly reliable type available in many varieties.
Encoder
10mA 5V DC
100,000cycles
500,000cycles
1,000,000cycles
Rating
Items
Specifications
Operating life
Typical Specifications
NEW
Product Line
Vertical
Flat
20
Without
With
Without
With
Without
With
0.5
1.5
0.5
1.5
0.5
1.5
12
±5
1
2
1
2
1
2
1,000
9
15
9
15
9
15
9
15
9
15
9
15
9
15
9
15
9
15
18
30
18
30
18
30
18
30
18
30
18
30
18
30
18
30
18
30
Product No.
Drawing
No.
Minimum
order unit
(pcs.)
100,000
500,000
1,000,000
Operating
life
(cycles)
Number of
detent
Number
of pulse
Actuator
configuration
Structure
Actuator
length
(mm)
Push-on
switch
Travel of push-
on switch
(mm)
Torque
(mN・m)
Reflow
Without
With
Without
With
Without
With
0.5
1.5
0.5
1.5
0.5
1.5
3
4
3
4
3
4
300
500,000
1,000,000
18
30
18
30
18
9
15
9
15
9
30
18
30
18
30
18
30
18
30
18
30
18
30
15
9
15
9
15
9
15
9
15
9
15
9
15
100,000


Similar Part No. - EC11J

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
EC11J0920404 ALPS-EC11J0920404 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11J0920404 ETC-EC11J0920404 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
EC11J0924411 ALPS-EC11J0924411 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11J0924411 ETC-EC11J0924411 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC11J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
9mm Size Insulated Shaft Long-life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
11mm Size Insulated Shaft Snap-in Type
RK117 ALPS-RK117 Datasheet
277Kb / 5P
11mm Size Metal Shaft Low-profile Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
11mm Size Metal Shaft Magnetic Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com