Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC80 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC80
Description  Rotary Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC80 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RDC80 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC80 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC80 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC80 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Piezo
Sensor
25
Magnetic
Sensor
Resistive
Sensor
3
4
2
1
Terminal pattern
hole
hole
3
16.2
PC board mounting hole dimensions
Style
Photo
ø1.5
hole
4T
2T
3T
1T
2
0.3
4
20
5
Lead-cut direction
2T
4T
3T
1T
12.5
1.2
3
1.2
4-2
16
13.2
Mounting face
ø4.05
Dimensions
Unit:mm
Circuit Diagram
1T
3T
2T
4T
CCW
CCW
CW
CW
Phase difference from 2T : 180$
Unit:mm
Blank portion
10pcs. min.
Blank portion
10pcs. min.
Lead portion 400mm min.
Lead-cut direction
Dimension of embossed tape
Reel dimensions
Taping Specifications
800
Number of
packings
(pcs.)
Sealing conditions
ø380
O.D
ø100
Hub
60$
60
$
ø13
Detail of A
A
Rotary Type
360$ Rotation
RDC80 Series
Resistive Sensors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com