Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC80 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC80
Description  Rotary Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC80 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RDC80 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC80 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC80 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC80 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Piezo
Sensor
24
Magnetic
Sensor
Resistive
Sensor
Hollow-shaft type that enables output covering the whole 360-degree angle due to
adoption of the 2-phase output.
Reflow soldering available.
Low-profile design 3mm in height.
●
●
Features
For controls on the onboard control panel in car etc.
For control of home appliances
For detection of rotation angles
●
●
●
Applications
Typical Specifications
Items
10k
Ω
360˚
(without stopper)
Total resistance
%30%
Total resistance tolerance
5V DC
Rating voltage
Rotational angle
Specifications
10mN
・m max.
Rotational torque
100,000cycles
Durability
Rotary Type 360$ Rotation
RDC80 Series
Resistance taper(1-phase)
Model No.
Minimum packing unit(pcs.)
Linearity
±3%
RDC803001A
1,600
Product list
B
(linear)100%/340˚
For other product specifications, see P.30
Resistive Sensors


Similar Part No. - RDC80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDC803101A ETC-RDC803101A Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - RDC80

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
RDS10-112 PURDY-RDS10-112 Datasheet
151Kb / 2P
Flat/Flush Shaft Type Rotary DIP Code Switches
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
Knob Type Rotary DIP Code Switches
RDS10-312 PURDY-RDS10-312 Datasheet
159Kb / 2P
Wheel/Indicator Type Rotary DIP Code Switches
logo
ALPS ELECTRIC CO.,LTD.
RDC40 ALPS-RDC40 Datasheet
271Kb / 6P
Rotary Type
RK168 ALPS-RK168 Datasheet
284Kb / 5P
Rotary Motor-driven Type
SDKZ ALPS-SDKZ Datasheet
262Kb / 4P
Rotary Type Power Switch with Encorder
SDKZ ALPS-SDKZ_15 Datasheet
918Kb / 5P
Rotary type power switch with encoder
logo
List of Unclassifed Man...
LPD3806-360BM ETC2-LPD3806-360BM Datasheet
162Kb / 3P
Incremental type two-phase rotary encoder
logo
SHINMEI ELECTRIC CO., L...
SSS-61MD SHINMEI-SSS-61MD Datasheet
65Kb / 3P
Body height 1.6mm, Heavy-torque Type Rotary-Switches
logo
List of Unclassifed Man...
RV24AF-10D2-15F-A50K ETC-RV24AF-10D2-15F-A50K Datasheet
632Kb / 4P
24mm Rotary Type, Metal Shaft Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com