Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2364 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 34Page - NXP Semiconductors LPC2364 Datasheet HTML 35Page - NXP Semiconductors LPC2364 Datasheet HTML 36Page - NXP Semiconductors LPC2364 Datasheet HTML 37Page - NXP Semiconductors LPC2364 Datasheet HTML 38Page - NXP Semiconductors LPC2364 Datasheet HTML 39Page - NXP Semiconductors LPC2364 Datasheet HTML 40Page - NXP Semiconductors LPC2364 Datasheet HTML 41Page - NXP Semiconductors LPC2364 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
38 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
9.
Static characteristics
Table 6.
Static characteristics
Tamb = −40 °C to +85 °C for standard devices, −40 °C to +125 °C for LPC2364HBD only, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD(3V3)
supply voltage (3.3 V)
core and external rail
3.0
3.3
3.6
V
VDD(DCDC)(3V3)
DC-to-DC converter
supply voltage (3.3 V)
3.0
3.3
3.6
V
VDDA
analog 3.3 V pad supply
voltage
3.0
3.3
3.6
V
Vi(VBAT)
input voltage on pin
VBAT
[2] 2.0
3.3
3.6
V
Vi(VREF)
input voltage on pin
VREF
2.5
3.3
VDDA
V
IDD(DCDC)act(3V3) active mode DC-to-DC
converter supply
current (3.3 V)
VDD(DCDC)(3V3) = 3.3 V;
Tamb = 25 °C; code
while(1){}
executed from flash; no
peripherals enabled;
PCLK = CCLK
CCLK = 10 MHz
-
15
-
mA
CCLK = 72 MHz
-
63
-
mA
all peripherals enabled;
PCLK = CCLK / 8
CCLK = 10 MHz
-
21
-
mA
CCLK = 72 MHz
-
92
-
mA
all peripherals enabled;
PCLK = CCLK
CCLK = 10 MHz
-
27
-
mA
CCLK = 72 MHz
-
125
-
mA
IDD(DCDC)pd(3V3)
Power-down mode
DC-to-DC converter
supply current (3.3 V)
VDD(DCDC)(3V3) = 3.3 V;
Tamb = 25 °C
[3] -
113
-
μA
IDD(DCDC)dpd(3V3) Deep power-down
mode DC-to-DC
converter supply
current (3.3 V)
[3]
-
20
-
μA
IBATact
active mode battery
supply current
[4]
-
20
-
μA
IBAT
battery supply current
Deep power-down mode
[3] -
20
-
μA
Standard port pins, RESET, RTCK
IIL
LOW-level input current VI = 0 V; no pull-up
-
-
3
μA
IIH
HIGH-level input
current
VI = VDD(3V3); no
pull-down
-
-
3
μA
IOZ
OFF-state output
current
VO = 0 V; VO = VDD(3V3);
no pull-up/down
-
-
3
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com