Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2364 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 51Page - NXP Semiconductors LPC2364 Datasheet HTML 52Page - NXP Semiconductors LPC2364 Datasheet HTML 53Page - NXP Semiconductors LPC2364 Datasheet HTML 54Page - NXP Semiconductors LPC2364 Datasheet HTML 55Page - NXP Semiconductors LPC2364 Datasheet HTML 56Page - NXP Semiconductors LPC2364 Datasheet HTML 57Page - NXP Semiconductors LPC2364 Datasheet HTML 58Page - NXP Semiconductors LPC2364 Datasheet HTML 59Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
55 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
16. Revision history
Table 13.
Revision history
Document ID
Release date
Data sheet status
Change
notice
Supersedes
LPC2364_65_66_67_68_6
20100201
Product data sheet
-
LPC2364_65_66_67_68_5
Modifications:
• Table 5 “Limiting values”: Changed VESD min/max to −2500/+2500.
• Table 6: Updated min, typical and max values for oscillator pins.
• Table 6: Updated conditions and typical values for IDD(DCDC)pd(3V3), IBATact;
IDD(DCDC)dpd(3V3) and IBAT added.
• Table 9 “Dynamic characteristics of flash”: Changed flash endurance spec from
100000 to 10000 minimum cycles.
• Added Table 11 “DAC electrical characteristics”.
• Section 7.2 “On-chip flash programming memory”: Removed text regarding flash
endurance minimum specs.
• Added Section 7.24.4.4 “Deep power-down mode”.
• Section 7.25.2 “Brownout detection”: Changed VDD(3V3) to VDD(DCDC)(3V3).
• Added Section 9.2 “Deep power-down mode”.
• Added Section 13.2 “XTAL1 input”.
• Added Section 13.3 “XTAL and RTC Printed-Circuit Board (PCB) layout guidelines”.
• Added table note for XTAL1 and XTAL2 pins in Table 3.
LPC2364_65_66_67_68_5
20090409
Product data sheet
-
LPC2364_65_66_67_68_4
Modifications:
• Added part LPC2364HBD100.
• Section 7.2: Added sentence clarifying SRAM speeds for LPC2364HBD.
• Table 5: Updated Vesd min/max.
• Table 6: Updated ZDRV Table note [14].
• Table 6: Vhys, moved 0.4 from typ to min column.
• Table 6: Ipu, added specs for >85 °C.
• Table 6: Removed Rpu.
• Table 7: CCLK and IRC, added specs for >85 °C.
• Added Table 9.
• Updated Figure 14.
• Updated Figure 11.
LPC2364_65_66_67_68_4
20080417
Product data sheet
-
LPC2364_66_68_3
LPC2364_66_68_3
20071220
Product data sheet
-
LPC2364_66_68_2
LPC2364_66_68_2
20071001
Preliminary data sheet
-
LPC2364_66_68_1
LPC2364_66_68_1
20070103
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com