Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1765 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 35Page - NXP Semiconductors LPC1765 Datasheet HTML 36Page - NXP Semiconductors LPC1765 Datasheet HTML 37Page - NXP Semiconductors LPC1765 Datasheet HTML 38Page - NXP Semiconductors LPC1765 Datasheet HTML 39Page - NXP Semiconductors LPC1765 Datasheet HTML 40Page - NXP Semiconductors LPC1765 Datasheet HTML 41Page - NXP Semiconductors LPC1765 Datasheet HTML 42Page - NXP Semiconductors LPC1765 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
39 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
8.
Limiting values
[1]
The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Including voltage on outputs in 3-state mode.
[3]
Not to exceed 4.6 V.
[4]
The peak current is limited to 25 times the corresponding maximum current.
[5]
Dependent on package type.
[6]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(3V3)
supply voltage (3.3 V)
core and external
rail
2.4
3.6
V
VDD(REG)(3V3)
regulator supply voltage (3.3 V)
2.4
3.6
V
VDDA
analog 3.3 V pad supply voltage
−0.5
+4.6
V
Vi(VBAT)
input voltage on pin VBAT
for the RTC
−0.5
+4.6
V
Vi(VREFP)
input voltage on pin VREFP
−0.5
+4.6
V
VIA
analog input voltage
on ADC related
pins
−0.5
+5.1
V
VI
input voltage
5 V tolerant I/O
pins; only valid
when the VDD(3V3)
supply voltage is
present
[2]
−0.5
+5.5
V
other I/O pins
[2][3]
−0.5
VDD(3V3) +
0.5
V
IDD
supply current
per supply pin
[4] -
100
mA
ISS
ground current
per ground pin
[4] -
100
mA
Ilatch
I/O latch-up current
−(0.5V
DD(3V3)) < VI
< (1.5VDD(3V3));
Tj < 125 °C
-
100
mA
Tstg
storage temperature
[5]
−65
+150
°C
Ptot(pack)
total power dissipation (per package)
based on package
heat transfer, not
device power
consumption
-
1.5
W
VESD
electrostatic discharge voltage
human body
model; all pins
[6]
−4000
+4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com