Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1765 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 9Page - NXP Semiconductors LPC1765 Datasheet HTML 10Page - NXP Semiconductors LPC1765 Datasheet HTML 11Page - NXP Semiconductors LPC1765 Datasheet HTML 12Page - NXP Semiconductors LPC1765 Datasheet HTML 13Page - NXP Semiconductors LPC1765 Datasheet HTML 14Page - NXP Semiconductors LPC1765 Datasheet HTML 15Page - NXP Semiconductors LPC1765 Datasheet HTML 16Page - NXP Semiconductors LPC1765 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
13 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
P2[13]/EINT3/
I2STX_SDA
50[6]
I/O
P2[13] — General purpose digital input/output pin.
I
EINT3 — External interrupt 3 input.
I/O
I2STX_SDA — Transmit data. It is driven by the transmitter and read by the
receiver. Corresponds to the signal SD in the I2S-bus specification.
(LPC1769/68/67/66/65 only).
P3[0] to P3[31]
I/O
Port 3: Port 3 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 3 pins depends upon the pin function selected via the pin connect
block. Pins 0 through 24, and 27 through 31 of this port are not available.
P3[25]/MAT0[0]/
PWM1[2]
27[1]
I/O
P3[25] — General purpose digital input/output pin.
O
MAT0[0] — Match output for Timer 0, channel 0.
O
PWM1[2] — Pulse Width Modulator 1, output 2.
P3[26]/STCLK/
MAT0[1]/PWM1[3]
26[1]
I/O
P3[26] — General purpose digital input/output pin.
I
STCLK — System tick timer clock input.
O
MAT0[1] — Match output for Timer 0, channel 1.
O
PWM1[3] — Pulse Width Modulator 1, output 3.
P4[0] to P4[31]
I/O
Port 4: Port 4 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 4 pins depends upon the pin function selected via the pin connect
block. Pins 0 through 27, 30, and 31 of this port are not available.
P4[28]/RX_MCLK/
MAT2[0]/TXD3
82[1]
I/O
P4[28] — General purpose digital input/output pin.
I
RX_MCLK — I2S receive master clock. (LPC1769/68/67/66/65 only).
O
MAT2[0] — Match output for Timer 2, channel 0.
O
TXD3 — Transmitter output for UART3.
P4[29]/TX_MCLK/
MAT2[1]/RXD3
85[1]
I/O
P4[29] — General purpose digital input/output pin.
I
TX_MCLK — I2S transmit master clock. (LPC1769/68/67/66/65 only).
O
MAT2[1] — Match output for Timer 2, channel 1.
I
RXD3 — Receiver input for UART3.
TDO/SWO
1[1]
O
TDO — Test Data out for JTAG interface.
O
SWO — Serial wire trace output.
TDI
2[1]
I
TDI — Test Data in for JTAG interface.
TMS/SWDIO
3[1]
I
TMS — Test Mode Select for JTAG interface.
I/O
SWDIO — Serial wire debug data input/output.
TRST
4[1]
I
TRST — Test Reset for JTAG interface.
TCK/SWDCLK
5[1]
I
TCK — Test Clock for JTAG interface.
I
SWDCLK — Serial wire clock.
RTCK
100[1]
I/O
RTCK — JTAG interface control signal.
RSTOUT
14
O
RSTOUT — This is a 3.3 V pin. LOW on this pin indicates the microcontroller
being in Reset state.
RESET
17[7]
I
External reset input: A LOW on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor execution to begin at
address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
22[8][9]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
23[8][9]
O
Output from the oscillator amplifier.
RTCX1
16[8]
I
Input to the RTC oscillator circuit.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com