Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPJ2 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPJ2
Description  2.5mm-travel Horizontal Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPJ2 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPPJ2 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPJ2 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPJ2 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPJ2 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
89
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
2
R0.5
R
0.5
R
0.5
1 2.5
1 2
3
4 5
6
Actuator Configuration at Front Edge
Terminal Configuration
Circuit Diagram
(Viewed from Direction A)
Unit:mm
Lead
ø2
ø1 hole
t:0.5
For PC board
1
R0.5
PC board
mounting face
t:0.5
Unit:mm
2.5mm-travel Horizontal Type
SPPJ2 Series
Push Switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com