Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPJ2 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPJ2
Description  2.5mm-travel Horizontal Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPJ2 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPJ2 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPJ2 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPJ2 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPJ2 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
88
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
A
PC board mounting face
Knob face
Travel
Total travel
Terminal No.6
(14)
2.8
0.6
4.8
3.2 3.2
11
5.5
2.5
17.7
2-M2
G0.4
13
3.5
(3)
0.5
(7.2)
1
PC board mounting face
(12)
Travel
Total travel
Knob face
Terminal No.6
13
1
0.6
3.2
2.8
3.2
2.8
5.5
3.5
2.5
0.5
(3)
(6)
A
8-ø1.3 holes
2.5
2.5
3.2
3.2
Dimensions
Unit:mm
No.
1
2
Style
PC board mounting hole dimensions
(Viewed from the direction A)
For PC board
Lead
2.5mm-travel Horizontal Type
SPPJ2 Series
Minimum order
unit
(pcs.)
PC board
2
―
Latching
Momentary
Latching
Momentary
SPPJ222200
SPPJ223200
SPPJ225800
SPPJ226400
Mounting
method
Poles
For
PC board
3.500
2.500
M2-screw
Lead
Terminal
type
Operation
Product No.
Rating
Product Line
2.5
Travel
(mm)
3.5
Total travel
(mm)
1
2
Drawing
No.
Non
shorting
Changeover
timing
Refer to P.107 for knobs.
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit (integer).
Notes
Switches with a lever height of 5.5mm, directly mountable onto sets.
Push Switch
Operating life
0.2A 30V DC/50
BA 3V DC
3
±1.5N
20m
Ω max./40mΩ max.
10,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
Operating force
10,000cycles
(0.2A 30V DC)
Without load
With load
Typical Specifications


Similar Part No. - SPPJ2

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ222200 ALPS-SPPJ222200 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
SPPJ223200 ALPS-SPPJ223200 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
SPPJ225800 ALPS-SPPJ225800 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
SPPJ226400 ALPS-SPPJ226400 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
More results

Similar Description - SPPJ2

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEC ALPS-SPEC Datasheet
151Kb / 3P
2.5mm-travel Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
1.5mm-travel Low-profile Horizontal Type
SPUJ ALPS-SPUJ Datasheet
244Kb / 3P
2mm-travel Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
1.5/2mm-travel Medium-sized Horizontal Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUJ ALPS-SPUJ_15 Datasheet
975Kb / 4P
2mm-travel Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com