Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1112 Datasheet(PDF) 7 Page - ams AG

Part # AS1112
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112 Datasheet(HTML) 7 Page - ams AG

Back Button AS1112 Datasheet HTML 3Page - ams AG AS1112 Datasheet HTML 4Page - ams AG AS1112 Datasheet HTML 5Page - ams AG AS1112 Datasheet HTML 6Page - ams AG AS1112 Datasheet HTML 7Page - ams AG AS1112 Datasheet HTML 8Page - ams AG AS1112 Datasheet HTML 9Page - ams AG AS1112 Datasheet HTML 10Page - ams AG AS1112 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.austriamicrosystems.com
Revision 1.06
7 - 18
AS1112
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
8 Typical Operating Characteristics
VDD = 5V, TAMB = 25ºC.
Figure 3. Output Current vs. VDS;
Figure 4. Output Current vs. VDS;
0
10
20
30
40
50
60
70
80
90
03
6
9
12
15
VDS (V)
RIREF = 480
Ω
RIREF = 1k
Ω
RIREF = 3.9k
Ω
0
10
20
30
40
50
60
70
80
90
00.511.5
2
2.5
3
VDS (V)
RIREF = 480
Ω
RIREF = 1k
Ω
RIREF = 3.9k
Ω
Figure 5. Output Current vs. REXT
Figure 6. Output Current vs. Dot Correction Value
1
10
100
0
1
23
45
67
8
9
10
REXT (kOhm)
0
10
20
30
40
50
60
70
80
90
0
9
18
27
36
45
54
63
Dot Correction Value
RIREF = 1k
Ω
RIREF = 480
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com