Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1112 Datasheet(PDF) 6 Page - ams AG

Part # AS1112
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1112 Datasheet(HTML) 6 Page - ams AG

Back Button AS1112 Datasheet HTML 2Page - ams AG AS1112 Datasheet HTML 3Page - ams AG AS1112 Datasheet HTML 4Page - ams AG AS1112 Datasheet HTML 5Page - ams AG AS1112 Datasheet HTML 6Page - ams AG AS1112 Datasheet HTML 7Page - ams AG AS1112 Datasheet HTML 8Page - ams AG AS1112 Datasheet HTML 9Page - ams AG AS1112 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.austriamicrosystems.com
Revision 1.06
6 - 18
AS1112
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Switching Characteristics
VCC = +3.0 to +5.5V, TAMB = -40 to +85ºC. Typical values are at TAMB = 25°C, VCC = 5V (unless otherwise specified).
Dissipation Ratings
Table 7. Switching Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tR0
Rise Time
SDO
8
ns
tR1
OUTn, DC = 3FHEX
20
tF0
Fall Time
SOUT
8
ns
tF1
OUTn, DC = 3FHEX
20
tPD0
Propagation Delay Time
CLK, SDO
1
1. See Figure 12 on page 13.
15
ns
tPD1
OEN, OUT0
2
2. See Figure 14 on page 14.
30
tPD2
OUTn, XERR
2
(includes error detection
time, see Figure 8 on page 10)
1000
tPD3
GSCLK, OUT0
2
30
tD
Average Output Delay
Time
OUTn, OUTn+1
2
30
ns
Table 8. Dissipation Ratings
Package Type
Power Rating
(TAMB < 25ºC)
Derating Factor
above 25ºC
Power Rating
(TAMB = 70ºC)
Power Rating
(TAMB = 85ºC)
32-pin TQFN 5x5 mm
5433mW
43.47mW/ºC
3477mW
2825mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com