Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1113 Datasheet(PDF) 1 Page - ams AG

Part # AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Datasheet(HTML) 1 Page - ams AG

  AS1113_1 Datasheet HTML 1Page - ams AG AS1113_1 Datasheet HTML 2Page - ams AG AS1113_1 Datasheet HTML 3Page - ams AG AS1113_1 Datasheet HTML 4Page - ams AG AS1113_1 Datasheet HTML 5Page - ams AG AS1113_1 Datasheet HTML 6Page - ams AG AS1113_1 Datasheet HTML 7Page - ams AG AS1113_1 Datasheet HTML 8Page - ams AG AS1113_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
AS1113
50mA, 16-Channel LED Dri v er with Diagnostics
Datash eet
www.austriamicrosystems.com
Revision 1.03
1 - 24
1 General Description
The AS1113 is designed to drive up to 16 LEDs through
a fast serial interface and features 16 output constant
current drivers and an on-chip diagnostic read-back
function.
The high clock-frequency (up to 50MHz), adjustable out-
put current, and flexible serial interface makes the
device perfectly suited for high-volume transmission
applications.
Output current is adjustable (up to 50mA/channel) using
an external resistor (REXT).
The serial interface with Schmitt trigger inputs includes
an integrated shift register. Additionally, an internal data
register stores the currently displayed data.
The device features integrated diagnostics for over-
temperature, open-LED, and shorted-LED conditions.
Integrated registers store global fault status information
during load as well as the detailed temperature/open-
LED/shorted-LED diagnostics results.
The AS1113 also features a low-current diagnostic
mode to minimize display flicker during fault testing.
The AS1113 is available in a 24-pin SSOP and the 28-
pin QFN (5x5mm) package.
If a higher output current is needed, please see the
AS1110 with 100mA drive capability.
Figure 1. Main Diagram and Pin Assignments
2 Key Features
!
16 Constant-Current Output Channels
!
Excellent Output Current Accuracy
- Between Channels: <±3%
- Between Devices: <±6%
!
Output Current Per Channel: 0.5 to 50mA
!
Controlled In-Rush Current
!
Over-Temperature, Open-LED, Shorted-LED
Diagnostic Functions
!
Low-Current Test Mode
!
Global Fault Monitoring
!
Low Shutdown Mode Current: 10µA
!
Fast Serial Interface: 50MHz
!
Cascaded Configuration
!
Extremely Fast Output Drivers Suitable for PWM
!
24-pin SSOP and 28-pin QFN (5x5mm) Package
3 Applications
The device is ideal for fixed- or slow-rolling displays
using static or multiplexed LED matrix and dimming
functions, large LED matrix displays, mixed LED display
and switch monitoring, displays in elevators, public
transports (underground, trains, buses, taxis, airplanes,
etc.), large displays in stadiums and public areas, price
indicators in retail stores, promotional panels, bar-graph
displays, industrial controller displays, white good pan-
els, emergency light indicators, and traffic signs.
AS1113
SDI
SDO
CLK
LD
OEN
REXT
+VLED
GND
VDD


Similar Part No. - AS1113_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113-BQFR AMSCO-AS1113-BQFR Datasheet
921Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
AS1113-BQFR AMSCO-AS1113-BQFR Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
ams-OSRAM AG
AS1113-BQFR AMSOSRAM-AS1113-BQFR Datasheet
1Mb / 26P
50mA, 16-Channel LED Driver with Diagnostics
Revision 1.04
logo
ams AG
AS1113-BQFT AMSCO-AS1113-BQFT Datasheet
921Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
AS1113-BQFT AMSCO-AS1113-BQFT Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
More results

Similar Description - AS1113_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
16-Channel 횞 50mA LED Driver
logo
ams AG
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
16-Channel 50mA LED Driver with Buck Controller
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
16-Channel 50mA LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com