Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1113 Datasheet(PDF) 18 Page - ams AG

Part # AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Datasheet(HTML) 18 Page - ams AG

Back Button AS1113_1 Datasheet HTML 14Page - ams AG AS1113_1 Datasheet HTML 15Page - ams AG AS1113_1 Datasheet HTML 16Page - ams AG AS1113_1 Datasheet HTML 17Page - ams AG AS1113_1 Datasheet HTML 18Page - ams AG AS1113_1 Datasheet HTML 19Page - ams AG AS1113_1 Datasheet HTML 20Page - ams AG AS1113_1 Datasheet HTML 21Page - ams AG AS1113_1 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
www.austriamicrosystems.com
Revision 1.03
18 - 24
AS1113
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
The last pattern written into the shift register will be saved before starting low-current diagnosis mode and can be dis-
played immediately after the test has been performed.
Low-current diagnostic mode is started with 3 clock pulses during error detection mode. Then OEN should be enabled
for
≥2µs for testing. With the rising edge of OEN the LED test is stopped, and while LD is high the desired error mode
can be selected with the corresponding clock pulses. After LD and OEN go low again the previously saved pattern can
be displayed at the outputs.
With the next data input the detailed error code will be clocked out at pin SDO.
Note: See Figure 20 for use of an external test pattern.
Figure 20. Low-Current Diagnosis Mode with External Test Pattern – 64 Cascaded AS1113s
Cascading Devices
To cascade multiple AS1113 devices, pin SDO must be connected to pin SDI of the next AS1113 (see Figure 21). At
each rising edge of CLK the LSB of the shift register will be written into the shift register SDI of the next AS1113 in the
chain.
Note: When n*AS1113 devices are in one chain, n*16 clock pulses are needed to latch-in the input data.
Figure 21. Cascading AS1113 Devices
Temperature Error Code
Data2
Data1
Data2
Data3
GEF
GEF
T/O or S Error Code
Data0
Rising Edge of OEN
Acquisition of Error Status
Display
SDI
SDO
CLK
OEN
LD
1024x
1024x
3x Clocks
Low-Current
Mode
Clock for Error
Mode 1x/2x
Falling Edge of LD; Error Register
is copied into Shift Register
O or S Error Code
from Test Pattern
1024x
GEF = Global Error Flag
Low-Current Diagnosis Mode
≤ 50mA
≤ 50mA
Current
≤ 0.8mA
External all 1s Test Pattern
AS1113 #n-1
SDI
SDO
CLK
LD
OEN
SDI
CLK
LD
OEN
AS1113 #1
SDI
SDO
CLK
LD
OEN
AS1113 #2
SDI
SDO
CLK
LD
OEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com