Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1120 Datasheet(PDF) 8 Page - ams AG

Part # AS1120
Description  46-Segment LCD Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1120 Datasheet(HTML) 8 Page - ams AG

Back Button AS1120 Datasheet HTML 4Page - ams AG AS1120 Datasheet HTML 5Page - ams AG AS1120 Datasheet HTML 6Page - ams AG AS1120 Datasheet HTML 7Page - ams AG AS1120 Datasheet HTML 8Page - ams AG AS1120 Datasheet HTML 9Page - ams AG AS1120 Datasheet HTML 10Page - ams AG AS1120 Datasheet HTML 11Page - ams AG AS1120 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.austriamicrosystems.com
Revision 1.05
8 - 13
AS1120
Datasheet - D e t a i l e d D e s c r i p t i o n
The selection of internal or external backplane signal (see Table 5) is initiated after RESETN is disabled – the first ris-
ing edge at pin OSC after RESETN is disabled will force pin BPLOUT to deliver the internally generated backplane sig-
nal. If there is no rising edge at pin OSC, BPLOUT will simply buffer the signal at pin BPLIN.
Note: The LCD should never be supplied with static signals. Verify that signals at pins BPLIN and BPLOUT are
always running while VDD is supplied; note that pin BPLOUT is stopped during a reset.
Internal Mode – R/C Oscillator Running (Generating the Backplane)
Connect external R/C components to pin OSC as shown in Figure 1 on page 1. When an external REXT and CEXT are
connected to pin OSC, a clock signal whose frequency is equal to fOSC divided by 16 will be present at pin BPLOUT.
Note: Internal mode requires that pin BPLIN be connected to pin BPLOUT.
The oscillation period is approximately tOSC = 1/fOSC = 0.69 x REXT x CEXT, and the error between the expected fre-
quency and the generated frequency increases as indicated in Table 6.
Figure 7. AS1120 Clock Circuit
External Mode: R/C Oscillator Stopped (External Backplane)
Connect pin OSC to VSS in order to block the internal oscillator. In this external mode, an external backplane signal
should be presented at pin BPLIN, which will be regenerated and presented at pin BPLOUT.
Table 5. Backplane Source Generation Selection
Mode
OSC Pin
BPLOUT
Internal
Running
fOSC/16
External
Tied Low
BPLIN
Table 6. Oscillator Error Rate
Expected Oscillator Frequency
Error
1 kHz
1%
10 kHz
5%
50 kHz
20%
100 kHz
40%
Oscillator
CLRN
fOSC/16
CLRN
SEL
D
Q
AS1120
15
OSC
43
VDD
11
BPLIN
13
RESETN
12
BPLOUT
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com