Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1120 Datasheet(PDF) 11 Page - ams AG

Part # AS1120
Description  46-Segment LCD Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1120 Datasheet(HTML) 11 Page - ams AG

Back Button AS1120 Datasheet HTML 5Page - ams AG AS1120 Datasheet HTML 6Page - ams AG AS1120 Datasheet HTML 7Page - ams AG AS1120 Datasheet HTML 8Page - ams AG AS1120 Datasheet HTML 9Page - ams AG AS1120 Datasheet HTML 10Page - ams AG AS1120 Datasheet HTML 11Page - ams AG AS1120 Datasheet HTML 12Page - ams AG AS1120 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.austriamicrosystems.com
Revision 1.05
11 - 13
AS1120
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Notes:
1. All dimensioning and tolerancing conform to ANSI Y14.5M-1982.
2. Top package may be smaller than bottom package by 0.15mm.
3. Datums A-B and -D- to be determined at datum plane -H-.
4. Dimensions D and E are to be determined at seating plane -C-.
5. Dimensions D1 and E1 do not include mold protrusion. Allowable mold protrusion is 0.25mm per side. D1 and
E1 are body size dimensions including mold mismatch.
6. Detail of pin1 identifier is optional but must be located within the zone indicated.
7. Dimension b does not include dambar protrusion. Allowable dambar protrusion is 0.08mm in excess of the b
dimension at maximum material condition. Dambar cannot be locatedon the lower radius or the foot.
8. Exact shape of each corner is optional.
9. These dimensions apply to the flat section of the lead between 0.10 and 0.25mm from the lead tip.
10. All dimensions are in millimeters.
CONTROL DIMENSIONS ARE IN MILLIMETERS
SYMBOL
MILLIMETER
MIN.
NOM. MAX.
0.20
1.60
0.15
0.05
1.35
1.40
1.45
16.00 BSC.
14.00 BSC.
14.00 BSC.
16.00 BSC.
0.08
0.20
0.08
0°
3.5°
7°
0°
11°
12°
13°
11°
12°
13°
0.20
0.09
0.45
0.60
0.75
1.00 REF
D
D1
E
E1
R2
R1
c
64L
SYMBOL
MILLIMETER
MIN. NOM. MAX.
0.30
0.35
0.45
0.80 BSC.
12.00
12.00
0.20
0.20
0.20
0.10
b
e
D2
E2
aaa
bbb
ccc
ddd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com