Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1343 Datasheet(PDF) 10 Page - ams AG

Part # AS1343
Description  42V, 1-2 Cells, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1343 Datasheet(HTML) 10 Page - ams AG

Back Button AS1343 Datasheet HTML 6Page - ams AG AS1343 Datasheet HTML 7Page - ams AG AS1343 Datasheet HTML 8Page - ams AG AS1343 Datasheet HTML 9Page - ams AG AS1343 Datasheet HTML 10Page - ams AG AS1343 Datasheet HTML 11Page - ams AG AS1343 Datasheet HTML 12Page - ams AG AS1343 Datasheet HTML 13Page - ams AG AS1343 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
10 - 17
AS1343
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Shutdown and Output Discharge
A logic low on the EN pin shuts down the AS1343 and a logic high on the EN pin powers on the device. In shutdown
mode the supply current drops to below 3µA and the POK pin is set to high impedance to maximize battery life.
When the battery disconnect switch is used, the battery is disconnected from the output and the output is discharged
down to 0V. The time for fully discharging the output depends on the COUT and on the load.
Note:
Pin EN should not be left floating. If the shutdown feature is not used, connect EN to VCC. The output will be
discharged during shutdown but the output also must be fully discharged before the device is enabled again.
Battery Disconnect
The AS1343 has an integrated PMOS switch that can be used to disconnect the battery during shutdown. The opera-
tion voltage of this switch is limited to 3.6V. When EN is high, the switch is closed and supplies the inductor. Due to the
RON resistance the efficiency is slightly lower if the battery disconnect switch is used.
PLOSS = IIN² x
RON
(EQ 1)
Setting Output Voltage
Output voltage can be adjusted by connecting a voltage divider between pins
VOUT and FB (see Figure 28).
Figure 28. Typical Application
The output voltage can adjusted by selecting different values for R1 and R2. For R2, select a value between 10k and
200k
Ω.
Calculate R1 by:
Where:
VOUT = 5.5V to 42V, VFB = 1.25V; VOUT > VIN
The input bias current of FB has a maximum value of 100nA which allows for large-value resistors. For less than 1%
error, the current through R2 should be 100 times the feedback input bias current (IFB). That’s why the feeback current
can be neglected in the calculation of VOUT.
Note:
For the optimal operation condition the following ratio between VOUT and VIN should be used:
1
EN
3, 8
GND
4
VCC
10
FB
6
LX
On
Off
R1
2.2M
Ω
VOUT = 18V
AS1343
L1
6.8µH
C1
10µF
VCC = 0.9V
to 3.6V
D1
COUT
4.7µF
R2
165k
Ω
7
SWOUT
5
PGND
9
VOUT
2
POK
R3
100k
Ω
(EQ 2)
R1
R2
VOUT
VFB
--------------
1
–
⎝⎠
⎛⎞
⋅
=
(EQ 3)
VOUT
VIN
÷
12
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com