Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1343 Datasheet(PDF) 12 Page - ams AG

Part # AS1343
Description  42V, 1-2 Cells, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1343 Datasheet(HTML) 12 Page - ams AG

Back Button AS1343 Datasheet HTML 8Page - ams AG AS1343 Datasheet HTML 9Page - ams AG AS1343 Datasheet HTML 10Page - ams AG AS1343 Datasheet HTML 11Page - ams AG AS1343 Datasheet HTML 12Page - ams AG AS1343 Datasheet HTML 13Page - ams AG AS1343 Datasheet HTML 14Page - ams AG AS1343 Datasheet HTML 15Page - ams AG AS1343 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
12 - 17
AS1343
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Inductor Selection
For the external inductor, a 4.7µH or 6.8µH inductor will usually suffice. Minimum inductor size is dependant on the
desired efficiency and output current. Inductors with low core losses and small DCR at 1MHz are recommended. It’s
also recommendet to choose an inductor which can handle at least 1.2A without saturating. The MOS6020 is a very
good choice because the DCR is quite small and the saturation current exeeds 1.2A. For space limiting applications
and input currents below 650mA the EPL2014 can be selected. Efficiency losses due to higher DCR should be consid-
ered. (see Figure 30 and Figure 31)
Note:
For the Efficiency measurements in Figure 30 and Figure 31 a MBR0540 diode was used for D1.
Table 4. Recommended Inductors
Part Number
L
DCR
ISAT @ 20% drop Dimensions (L/W/T)
Manufacturer
EPL2014-472MLC
4.7µH
0.231
Ω
0.65A
2.2x2.0x1.4mm
Coilcraft
www.coilcraft.com
LPS3015-472MLC
4.7µH
0.200
Ω
1.2A
3.1x3.1x1.5mm
LPS4018-682MLC
6.8µH
0.150
Ω
1.3A
4.1x4.1x1.8mm
LPS5030-682ML_
6.8µH
0.099
Ω
1.7A
4.88x4.88x3.0mm
MOS6020-682MLC
6.8µH
0.078
Ω
1.56A
6.0x6.8x2.4mm
MOS6020-472MLC
4.7µH
0.050
Ω
1.82A
6.0x6.8x2.4mm
Figure 30. Efficiency Comparison of different
Inductors; VIN = 3V, VOUT = 18V
Figure 31. Efficiency Comparison of different
Inductors; VIN = 3.6V, VOUT = 18V
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (mA)
MOS6020 6.8µH
LPS5030 6.8µH
LPS4018 6.8µH
MOS6020 4.7µH
LPS3015 4.7µH
EPL2014 4.7µH
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (mA)
MOS6020 6.8µH
LPS5030 6.8µH
LPS4018 6.8µH
MOS6020 4.7µH
LPS3015 4.7µH
EPL2014 4.7µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com