Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1360 Datasheet(PDF) 4 Page - ams AG

Part # AS1360
Description  1.5uA Low-Power, Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 4 Page - ams AG

  AS1360_1 Datasheet HTML 1Page - ams AG AS1360_1 Datasheet HTML 2Page - ams AG AS1360_1 Datasheet HTML 3Page - ams AG AS1360_1 Datasheet HTML 4Page - ams AG AS1360_1 Datasheet HTML 5Page - ams AG AS1360_1 Datasheet HTML 6Page - ams AG AS1360_1 Datasheet HTML 7Page - ams AG AS1360_1 Datasheet HTML 8Page - ams AG AS1360_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.austriamicrosystems.com/AS1360
Revision 1.04
4 - 12
AS1360
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
TAMB = +25ºC (unless otherwise specified).
Note: All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input Voltage
20
V
VOUT
Output Voltage
IOUT = 40mA
1
,
IOUT = 15mA if VOUT = 1.8V
1. VOUTNOM is the nominal device output voltage.
VOUTNOM
- 1.5%
VOUTNOM
± 0.5%
VOUTNOM
+ 1.5%
V
IOUT(MAX)
Maximum Output
Current
VOUT = 5.0V
(VIN = VOUTNOM + 1.0V)
250
mA
VOUT = 3.3V
150
VOUT = 3.0V
150
VOUT = 2.5V
125
VOUT = 2.1V
115
VOUT = 1.8V
110
ΔVOUT/VOUT
Load Regulation
2
2. Measured at a constant junction temperature using low duty cycle pulse testing.
VOUT = 5.0V, 1mA
≤ IOUT ≤ 100mA
-1.60
±0.8
+1.60
%
VOUT = 3.3V, 1mA
≤ IOUT ≤ 80mA
-2.72
±1.3
+2.72
VOUT = 3.0V, 1mA
≤ IOUT ≤ 80mA
-3.00
±1.5
+3.00
VOUT = 2.5V, 1mA
≤ IOUT ≤ 60mA
-3.60
±1.8
+3.60
VOUT = 2.1V, 1mA
≤ IOUT ≤ 40mA
-2.60
±1.6
+2.60
VOUT = 1.8V, 1mA
≤ IOUT ≤ 30mA
-1.60
±0.8
+1.60
ΔVOUT x 100/
ΔVIN x VOUT
Line Regulation
IOUT = 40mA,
(VOUTNOM +1.0)
≤ VIN ≤ 10.0V
0.1
0.25
%/V
VIN - VOUT
Dropout Voltage
IOUT
= 200mA, VOUTNOM = 5.0V
400
630
mV
IOUT
= 160mA, VOUTNOM = 3.3V
400
700
IOUT
= 160mA, VOUTNOM = 3.0V
400
700
IOUT
= 120mA, VOUTNOM = 2.5V
400
700
IOUT
= 60mA, VOUTNOM = 2.1V
200
500
IOUT
= 20mA, VOUTNOM = 1.8V
180
300
IQ
Input Quiescent Current
VIN = VOUTNOM +1.0V
1.5
3.0
µA
TCVOUT
Temperature Coefficient
of VOUT
3
3. TCVOUT = (VOH - VOL) x 10
6
/(VOUTNOM x Temperature).
Where:
VOH is the highest voltage measured over the device temperature range.
VOL is the lowest voltage over the device temperature range.
IOUT
= 40mA,
-40ºC
≤ TAMB ≤ +85ºC
±100
ppm/
ºC
tR
Output Rise Time
10% VOUTNOM to 90% VOUTNOM,
VIN = 0V to VOUTNOM + 1V,
RLOAD = 25
Ω resistive
150
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com