Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1360 Datasheet(PDF) 5 Page - ams AG

Part # AS1360
Description  1.5uA Low-Power, Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 5 Page - ams AG

  AS1360_1 Datasheet HTML 1Page - ams AG AS1360_1 Datasheet HTML 2Page - ams AG AS1360_1 Datasheet HTML 3Page - ams AG AS1360_1 Datasheet HTML 4Page - ams AG AS1360_1 Datasheet HTML 5Page - ams AG AS1360_1 Datasheet HTML 6Page - ams AG AS1360_1 Datasheet HTML 7Page - ams AG AS1360_1 Datasheet HTML 8Page - ams AG AS1360_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.austriamicrosystems.com/AS1360
Revision 1.04
5 - 12
AS1360
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VOUT = 3.3V, ILOAD = 100µA, VIN = 4.3V, CIN 1µF (tantalum), COUT = 1µF (tantalum), TAMB = +25ºC (unless otherwise
specified).
Figure 3. Supply Current vs. Input Voltage
Figure 4. Supply Current vs. Load Current
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
45
67
89
10
Input Voltage (V)
85°C
25°C
0°C
-40°C
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
0
25
50
75
100 125 150 175 200
Load Current (mA)
85°C
25°C
0°C
-40°C
Figure 5. Supply Current vs. Temperature
Figure 6. Output Voltage vs. Input Voltage
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
3.296
3.298
3.3
3.302
3.304
3.306
3.308
3.31
3.312
45
67
89
10
Input Voltage (V)
85°C
25°C
0°C
-40°C
Figure 7. Output Voltage vs. Load Current
Figure 8. Dropout Voltage vs. Load Current
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.3
3.31
0
10
2030
4050
6070
80
Load Current (mA)
85°C
25°C
0°C
-40°C
0
100
200
300
400
500
600
700
0
20
40
60
80
100 120 140 160
Load Current (mA)
85°C
25°C
0°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com