Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2523T Datasheet(PDF) 7 Page - ams AG

Part # AS2523T
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523T Datasheet(HTML) 7 Page - ams AG

Back Button AS2523T Datasheet HTML 3Page - ams AG AS2523T Datasheet HTML 4Page - ams AG AS2523T Datasheet HTML 5Page - ams AG AS2523T Datasheet HTML 6Page - ams AG AS2523T Datasheet HTML 7Page - ams AG AS2523T Datasheet HTML 8Page - ams AG AS2523T Datasheet HTML 9Page - ams AG AS2523T Datasheet HTML 10Page - ams AG AS2523T Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Typical Characteristics of Line Loss Compensation (AS2523, AS2524B only)
The line-loss-compensation is programmable at the AS2523, not activated at the AS2524 and LLC high (45mA-75mA) activated
at the AS2524B.
(dB)
Tx Gain
35
34
33
32
31
30
29
No LLC (AS2523, AS2524)
DC Line
Current
70
80
(mA)
60
50
20
30
40
f = 800 Hz
ZLINE = 600
Ω
VLS = -10 dBm
LLC high
(AS2523,AS2524B)
LLC low
(AS2523)
Figure 1 Typical Tx Gain Characteristics Line Loss Compensation
No LLC (AS2523, AS2524)
(dB)
Rx Gain
DC Line
Current
+4
+3
+2
+1
0
-1
-2
70
80
(mA)
60
50
20
30
40
f = 800 Hz
ZLINE = 600
Ω
VLS = -10 dBm
VOL = 0 dB (neutral)
LLC low
(AS2523)
LLC high
(AS2523,AS2524B)
Figure 2 Typical Rx Gain Characteristics Line Loss Compensation
Revision 1.13
Page 7 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com