Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2523T Datasheet(PDF) 5 Page - ams AG

Part # AS2523T
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2523T Datasheet(HTML) 5 Page - ams AG

  AS2523T Datasheet HTML 1Page - ams AG AS2523T Datasheet HTML 2Page - ams AG AS2523T Datasheet HTML 3Page - ams AG AS2523T Datasheet HTML 4Page - ams AG AS2523T Datasheet HTML 5Page - ams AG AS2523T Datasheet HTML 6Page - ams AG AS2523T Datasheet HTML 7Page - ams AG AS2523T Datasheet HTML 8Page - ams AG AS2523T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Functional Description
The gain of the M3/M4
→ LS is set to +46dB.
This gain can be changed by programming from +39dB to
+54dB in 1dB steps on AS2523. The input is differential
with an impedance of 10k
Ω. The soft clip circuit limits the
output voltage at LS to 2Vp. There is no LLC for this path.
DC conditions
The normal operating mode is from 15mA to 100mA. An
operating mode with reduced performance is from 5mA to
15mA. In the line hold range from 0mA to 5mA the device
is in a power down mode.
Receive path
The gain of the LS
→ RO receive path is set to +7.5dB.
This gain can be changed by programming from –7.5dB to
+7.5dB in 1dB steps (Register Rxgain). The receive input
is the differential signal of RI and STB. The soft clip circuit
limits the output voltage at RO to 1Vp. It prevents harsh
distortion and acoustic shock. There is LLC for this path.
The DC characteristic is determined by the voltage at LI-
pin and a 30
Ω resistor between LI- and LS-pin. It can be
calculated by the following equation: VLS = VLI + ILine *
30
Ω. VLI can be programmed to be 3.5V or 4.5V.
2/4 wire conversion
The gain of the LS
→ LO receive path is set to +32dB.
This gain can be changed by programming from +19dB to -
34dB in 1dB steps. The user can also change the gain via
Register Handsfree receive end gain (See section
"Handsfree"). The receive input is the differential signal of
RI and STB. The soft clip circuit limits the output voltage at
LO to 1.1Vp. It prevents harsh distortion and acoustic
shock. There is optional LLC for this path.
AS2523/24 has built in two Wheatstone bridges with one
common ground. This provides a maximum of
independence of AC-impedance and side tone from each
other. One can adapt side tone without changing the AC-
impedance.
AC-impedance
The AC-impedance of AS2523/24 is set to t.m. 1000
Ω.
With the external capacitor at CI-pin it can be programmed
complex. With an external resistor of approx. 1.5k
Ω
connected to the LS-pin it can be programmed to 600
Ω.
Line Loss Compensation (AS2523, AS2524B)
-
programmable on AS2523
-
not activated at AS2524
-
permanently activated at AS2524B
When it is activated, the transmit and receive gains for
both I/O’s are decreased by 6dB at line currents from
20mA to 50mA or from 45mA to 75mA.
Side Tone
A good side tone cancellation can be achieved by using the
following equation:
ZBAL/ZLINE = 10
Handsfree
The handsfree function allows voice communication without
using the handset (full 2-way speaker phone). Two voice
controlled attenuators prevent acoustic coupling between
the loudspeaker and the microphone. The voice switching
circuit has three states, namely idle, transmit or receive. In
receive mode the attenuation of the receive path and the
transmit path can be controlled by Register Handsfree
receive end gain between 0dB and -20dB. The following
table shows how voice switching is controlled
Transmit path
The gain of the M1/M2
→ LS is set to +37dB. This gain
can be changed by programming on AS2523 from +30dB to
+45dB in 1dB steps (Register Txgain), on AS2524 / 24B it
is set to +37dB per default. The input is differential with an
impedance of 10k
Ω. The soft clip circuit limits the output
voltage at LS to 2Vp. There is LLC for this path.
TX_atten
Backgnd
noise
monitor
Voice
switching
speech
RX
voice switching circuit
Revision 1.13
Page 5 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com