Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3525 Datasheet(PDF) 19 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 19 Page - ams AG

Back Button AS3525 Datasheet HTML 15Page - ams AG AS3525 Datasheet HTML 16Page - ams AG AS3525 Datasheet HTML 17Page - ams AG AS3525 Datasheet HTML 18Page - ams AG AS3525 Datasheet HTML 19Page - ams AG AS3525 Datasheet HTML 20Page - ams AG AS3525 Datasheet HTML 21Page - ams AG AS3525 Datasheet HTML 22Page - ams AG AS3525 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
19
- 194
7.1.3 ARM922T Details
The ARM922T macrocell is based on the ARM9TDMI Harvard
architecture processor core with an efficient five-stage pipeline.
To reduce the effect of memory bandwidth and latency on
performance, the ARM922T macrocell includes separate cachs
and MMUs for both instructions and data. It also has a write
buffer and physical address TAG RAM.
Caches
Two 8KB caches are implemented, one for instructions, the
other for data, both with an 8-word line size. Separate buses
connect each cache to the ARM9TDMI core permitting a 32 bit
instruction to be fetched and fed into the Decode stage of the
pipeline at the same time as a 32 bit data access for the
memory stage of the pipeline.
Cache lock-down is provided to permit critical code sequences
to be locked into the cache to ensure predictability for real-time
code. The cache replacement algorithm can be selected by the
operating system as either pseudo-random or round-robin. Both
caches are 64-way set-associative. Lock-down operates on a
per-way basis.
Write Buffer
The ARM922T macrocell also incorporates a 16-data, 4-
address write buffer to avoid stalling the processor when writes
to external memory are performed.
PA TAG RAM
The ARM922T macrocell implements a physical address TAG
RAM (PA TAG RAM) to perform write-backs from the data
cache.
The physical addresses of all the lines held in the data cache
are stored by the PA TAG memory, removing the requirement
for address translation when evicting a line from the cache.
MMU
The ARM922T macrocell implements an enhanced ARMv4
MMU to provide translation and access permission checks for
the instruction and data address ports of the ARM9TDMI core.
The MMU features are:
•
Standard ARMv4 MMU mapping sizes, domains,
and access protection scheme
•
Mapping sizes are 1 MB sections, 64 KB large
pages, 4 KB small pages, and new 1KB tiny pages
•
Access permissions for sections
•
Access permissions for large pages and small
pages can be specified separately for each quarter
of the page (subpages)
•
Access permissions for tiny pages
•
16 domains implemented in hardware
•
64-entry instruction Translation-Lookaside-Buffer
(TLB) and 64-entry data TLB
•
Hardware page table walks
•
Round-robin replacement algorithm (also called
cyclic)
Control Coprocessor (CP15)
The control coprocessor is provided for configuration of the caches, the
write buffer, and other ARM922T options.
Eleven registers are available for program control:
•
Register 1 controls system operation parameters including
endianness, cache, and MMU enable
•
Register 2 and 3 configure and control MMU functions
•
Register 5 and 6 provide MMU status information
•
Register 7 and 9 are used for cache maintenance
operations
•
Register 8 and 10 are used for MMU maintenance
operations
•
Register 13 is used for fast context switching
•
Register 15 is used for test.
Debug Features
The ARM9TDMI processor core incorporates an EmbeddedICE unit and
EmbeddedICE-RT logic permitting both software tasks and external
debug hardware to
•
Set hardware and software breakpoints
•
Perform single-stepping
•
Enable access to registers and memory
This functionality is implemented as a coprocessor and is accessible
from hardware through the JTAG port.
Full-speed, real-time execution of the processor is maintained until a
breakpoint is hit.
At this point control is passed either to a software handler or to JTAG
control.
7.1.4 ARM V4T Architecture
The ARM9TDMI processor core implements the ARMv4T Instruction Set
Architecture (ISA). The ARMv4T ISA is a superset of the ARMv4 ISA
with additional support for the Thumb 16-bit compressed instruction set.
Performance and Code Density
The ARM9TDMI core executes two instruction sets
•
32-bit ARM instruction set
•
16-bit Thumb instruction set
The ARM instruction set is designed so that a program can achieve
maximum performance with the minimum number of instructions. Most
ARM9TDMI instructions are executed in a single cycle.
The simpler Thumb instruction set offers much increased code density
deducing code size and memory requirement.
Code can switch between the ARM and Thumb instruction sets on any
procedure call.
ARM9TDMI Integer Pipeline Stages
The integer pipeline consists of five stages to maximize instruction
throughput in the ARM9TDMI core:
•
Fetch
•
Decode and register read
•
Execute shift and ALU operation, or address calculate, or
multiply
•
Memory access and multiply
•
Write register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com