Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3525 Datasheet(PDF) 39 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 39 Page - ams AG

Back Button AS3525 Datasheet HTML 35Page - ams AG AS3525 Datasheet HTML 36Page - ams AG AS3525 Datasheet HTML 37Page - ams AG AS3525 Datasheet HTML 38Page - ams AG AS3525 Datasheet HTML 39Page - ams AG AS3525 Datasheet HTML 40Page - ams AG AS3525 Datasheet HTML 41Page - ams AG AS3525 Datasheet HTML 42Page - ams AG AS3525 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
39
- 194
7.2.8.4 Functional description
Communication with the Memory Stick
The communication protocol with the Memory Stick is started by write from the CPU to the command register. When the protocol finishes, the CPU
is notified that the protocol has ended by an interrupt request.
Data transfer request
When the protocol is started and enters the data transfer state, data is requested by issuing a DMA transfer request or an interrupt request to the
CPU. Data can also be requested to an external memory.
Memory Stick communication time out
The RDY time out time when the handshake state (read protocol: BS2, write protocol: BS3) is established in communication with the Memory Stick
can be designated as the number of Memory Stick transfer clocks. When a time out occurs, the CPU is notified that the protocol has ended due to a
time out error by an interrupt request.
CRC off
CRC off can be set as a test mode.
When CRC off is set, CRC is not added to the data transmitted to the Memory Stick.
PAD cells
The connections to the MemoryStick Interface are shared with the General Purpose I/O port-D (GPIO xpd[0:7]).
Figure 15 external memory stick connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com