Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5130 Datasheet(PDF) 17 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 17 Page - ams AG

Back Button AS5130 Datasheet HTML 13Page - ams AG AS5130 Datasheet HTML 14Page - ams AG AS5130 Datasheet HTML 15Page - ams AG AS5130 Datasheet HTML 16Page - ams AG AS5130 Datasheet HTML 17Page - ams AG AS5130 Datasheet HTML 18Page - ams AG AS5130 Datasheet HTML 19Page - ams AG AS5130 Datasheet HTML 20Page - ams AG AS5130 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
17 - 40
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
WRITE OTP: Writing of the OTP register. The written data is volatile. “Zero Angle” is the angle, which is set for zero
position. “Wake enable” enables the polling mode. “Sensitivity” is the gain setting in the signal path. “Redundancy is a
number of bits, which allows the customer to overwrite one of the customer OTP bits <0:11>.
PROG_OTP: Programming of the OTP register. Only Bits <0:15> can be programmed by the customer.
RD_OTP: Read out the content of the OTP register. Data written by WRITE_OTP and PROG_OTP is read out.
RD_OTP_ANA: Analog read out mode. The analog value of every OTP bit is available at pin 2 (PROG), which allows
for a verification of the fuse process. No data is available at the SSI.
OTP Programming
For programming of the OTP, an additional voltage has to be applied to the pin PROG. It has to be buffered by a fast
100nF capacitor (ceramic) and a 10µF capacitor. The information to be programmed is set by command 25. The OTP
bits 16 to 45 are used for AMS factory trimming and cannot be overwritten.
Figure 10. OTP Programming Connection
14
01110 xt read
13
01101 xt read
12
01100 xt read
11
01011 xt read
10
01010 xt read
9
RD_OTP
_ANA
01001 xt read
8
01000 xt read
Table 9. SSI in Extended Mode
#
cmd
bin
mode <45:44> <43:32> <31:28> <27:26>
<25>
<24:23> <22:20> <19:16> <15:12> <11:9>
<8>
<7:0>
VDD
VSS
micro
controller
AS5130
100n
VSS
+5V
AVDD
CS
VDD
DCLK
DIO
PROG
VSS
AS5130
C1
I/O
Output
Output
+
10µF100n
8.0 - 8.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com