Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5130 Datasheet(PDF) 24 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 24 Page - ams AG

Back Button AS5130 Datasheet HTML 20Page - ams AG AS5130 Datasheet HTML 21Page - ams AG AS5130 Datasheet HTML 22Page - ams AG AS5130 Datasheet HTML 23Page - ams AG AS5130 Datasheet HTML 24Page - ams AG AS5130 Datasheet HTML 25Page - ams AG AS5130 Datasheet HTML 26Page - ams AG AS5130 Datasheet HTML 27Page - ams AG AS5130 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
24 - 40
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 15. Power Cycling Mode
The optional filter Rx/Cx may again be added to reduce peak currents in the 5V power supply line (see Reducing
Power Supply Peak Currents on page 23).
Polling Mode
Target of this mode is a reduction of the average power consumption. In this mode, the IC supply is pulsed, thereby
reducing the average power consumption to a fraction. The actual angle information and multi turn count value is not
lost; polling mode is especially suited for battery powered applications. The IC is furthermore capable of generating a
WAKE signal as soon as the magnet’s position has changed, but only if the supply of the IC is powered-on again. By
means of the WAKE signal, the system’s power consumption can be further decreased, if certain modules are
activated on demand.
Figure 16. External Circuitry for Polling Mode
The voltage at pin 16 (DVDD) determines whether polling mode is activated or not. Any voltage above 3.6V activates
the polling functionality. This voltage must always be present at DVDD in order to hold the information in the registers.
VDD
VSS
micro
controller
AS5130
100n
VSS
+5V
VDD
CS
VDD
DCLK
DIO
VSS
AS5130
C1
S
N
Ion
0
ton
toff
on/off
Rx
10k
ton toff
Cx
>µF
DVDD
WAKE
t_on
t_off
t_wakeup
100n
+5V
>1.5K
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com