Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5245 Datasheet(PDF) 1 Page - ams AG

Part # AS5245
Description  Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5245 Datasheet(HTML) 1 Page - ams AG

  AS5245 Datasheet HTML 1Page - ams AG AS5245 Datasheet HTML 2Page - ams AG AS5245 Datasheet HTML 3Page - ams AG AS5245 Datasheet HTML 4Page - ams AG AS5245 Datasheet HTML 5Page - ams AG AS5245 Datasheet HTML 6Page - ams AG AS5245 Datasheet HTML 7Page - ams AG AS5245 Datasheet HTML 8Page - ams AG AS5245 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
AS5245
Programmable 360º Magnetic Angle Encoder with Absolute SSI and
PWM Output
www.austriamicrosystems.com/AS5245
Revision 1.3
1 - 33
Data Sheet
1 General Description
The AS5245 is a contactless magnetic angle encoder for accurate
measurement up to 360º and includes two AS5145 devices in a
punched stacked leadframe.
It is a system-on-chip, combining integrated Hall elements, analog
front end and digital signal processing in a single device.
To measure the angle, only a simple two-pole magnet, rotating over
the center of the chip is required. The magnet may be placed above
or below the IC.
The absolute angle measurement provides instant indication of the
magnet’s angular position with a resolution of 0.0879º = 4096
positions per revolution. This digital data is available as a serial bit
stream and as a PWM signal.
An internal voltage regulator allows operation of the AS5245 from
3.3V or 5.0V supplies.
The AS5245 is fully automotive qualified to AEC-Q100, grade 0.
2 Key Features
Contactless high resolution rotational position encoding over a
full turn of 360º
Two digital 12-bit absolute outputs
Quadrature A/B (10- or 12-bit) and Index output signal
User programmable zero position
Failure detection mode for magnet placement monitoring and
loss of power supply
“Red-Yellow-Green” indicators display placement of magnet in
Z-axis
Tolerant to magnet misalignment and air gap variations
Wide temperature range: - 40ºC to +150ºC
Unique Chip Identifier
Fully automotive qualified to AEC-Q100, grade 0
Small package: QFN 32 LD (7x7)
3 Applications
The AS5245 is ideal for applications with an angular travel range
from a few degrees up to a full turn of 360º. The device is suitable for
Automotive applications like Throttle position sensors, Gas/brake
pedal position sensing, Headlight position control, Contactless rotary
position sensing, Front panel rotary switches and Replacement of
potentiometer.
DSP
Hall Array
&
Frontend
Amplifier
Absolute
Interface
(SSI)
Incremental
Interface
Sin
Cos
Ang
Mag
MagINCn
MagDECn
DO
PWM
CLK
DTEST1_A
DTEST2_B
Mode_Index
PDIO
CSn
PWM
Interface
OTP
Register
VDD5V
VDD3V3
LDO 3.3V
Mux
AS5245
Note: This Block Diagram presents only one die
Figure 1. AS5245 Block Diagram


Similar Part No. - AS5245

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5245 AMSCO-AS5245 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245 Datasheet
1Mb / 32P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245HQFT AMSCO-AS5245HQFT Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245HQFT AMSCO-AS5245HQFT Datasheet
1Mb / 32P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
More results

Similar Description - AS5245

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5215 AMSCO-AS5215 Datasheet
743Kb / 24P
Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5215 AMSCO-AS5215_1 Datasheet
746Kb / 24P
Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com