Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5245 Datasheet(PDF) 5 Page - ams AG

Part # AS5245
Description  Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5245 Datasheet(HTML) 5 Page - ams AG

  AS5245 Datasheet HTML 1Page - ams AG AS5245 Datasheet HTML 2Page - ams AG AS5245 Datasheet HTML 3Page - ams AG AS5245 Datasheet HTML 4Page - ams AG AS5245 Datasheet HTML 5Page - ams AG AS5245 Datasheet HTML 6Page - ams AG AS5245 Datasheet HTML 7Page - ams AG AS5245 Datasheet HTML 8Page - ams AG AS5245 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.austriamicrosystems.com/AS5245
Revision 1.3
5 - 33
AS5245
Data Sheet - P i n A s s i g n m e n t s
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Pin Type
Description
DTest1_A
1, 32
Digital output
Test output in default mode
DTest2_B
2, 3
Digital output
Test output in default mode
NC
4, 5
-
For internal use. Must be left unconnected
Mode_Index
6, 7
Digital I/O pull-down
Select between slow (open, low: VSS) and fast (high) mode. Internal pull-
down resistor.
VSS
8, 9
Supply pin
Negative Supply Voltage (GND)
PDIO
10, 11
Digital input pull-down
OTP Programming Input and Data Input for Daisy Chain mode.
Internal pull-down resistor (~74k
Ω). Should be connected to VSS if
programming is not used.
CLK
12, 13
Digital input, Schmitt-
trigger input
Clock Input of Synchronous Serial Interface; Schmitt-Trigger input
DO
14, 15
Digital output / tri-
state
Data Output of Synchronous Serial Interface
CSn
16, 17
Digital input pull-up,
Schmitt-trigger input
Chip Select. Active low. Schmitt-Trigger input, internal pull-up resistor
(~50k
Ω)
PWM
18, 19
Digital output
Pulse Width Modulation of approx. 244Hz; 1µs/step (opt. 122Hz; 2µs/
step)
NC
20, 21
-
For internal use. Must be left unconnected
NC
22, 23
-
For internal use. Must be left unconnected
VDD3V3
24, 25
Supply pin
3V-Regulator Output for internal core, regulated from VDD5V. Connect to
VDD5V for 3V supply voltage. Do not load externally.
VDD5V
26, 27
Supply pin
Positive Supply Voltage, 3.0V to 5.5V
MagINCn
28, 29
Digital output open
drain
Magnet Field Magnitude Increase. Active low. Indicates a distance
reduction between the magnet and the device surface.
MagDECn
30, 31
Digital output open
drain
Magnet Field Magnitude Decrease. Active low. Indicates a distance
increase between the device and the magnet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com