| Electronic Components Datasheet Search |
|
AS8202NF Datasheet(PDF) 15 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8202NF Datasheet(HTML) 15 Page - ams AG |
|
15 / 20 page ![]() www.austriamicrosystems.com and TTTech Computertechnik AG Revision 2.1 15 - 20 AS8202NF TTP-C2NF Data Sheet - Deta iled Description TTP Bus Interface The AS8202NF contains two TTP bus units, one for each TTP channel, building the TTP bus interface. Each TTP bus channel contains a transmitter and a receiver and can be configured to be either in the asynchronous or synchronous mode of operation. Note that the two channels (channel 0 and channel 1) can be configured independently for either of these modes. The drivers of the TxD and CTS pins are actively driven only during a transmission window, all the other time the drivers are switched off and the weak pull resistors are active. External pull resistors must be used to define the signal levels during idle phases. Note: The transmission window may be different for each channel. TTP Asynchronous Bus Interface When in asynchronous mode of operation the channel's bus unit uses a self-clocking transmission encoding which can be either MFM or Manchester at a maximum data rate of 5 Mbit/s on a shared media (physical bus). The pins can either be connected to drivers using recessive/dominant states on the wire as well as drivers using active push/pull functionality. The RxD signal uses '1' as the inactivity level. In the so-called RS485 compatible mode longer periods of '0' are treated as inactivity. If the RS485 compatible mode is not used, the application must care to drive RxD to '1' during inactivity on the bus. Table 11. Bus Interface Connections Pin Name Tx inactive TxD[0] weak pull-up CTS[0] weak pull-down TxD[1] weak pull-up CTS[1] weak pull-down Table 12. Asynchronous Bus Interface Connections Pin Name Mode Connect to PHY Note TxD[0] out TxD Transmit data channel 0 CTS[0] out CTS Transmit enable channel 0 TxCLK[0] in No function (do not connect) RXER[0] in No function (do not connect) RXCLK[0] in No function (do not connect) RxDV[0] in No function (do not connect) RxD[0] in RxD Receive data channel 0 TxD[1] out TxD Transmit data channel 1 CTS[1] out CTS Transmit enable channel 1 TxCLK[1] in No function (do not connect) RXER[1] in No function (do not connect) RXCLK[1] in No function (do not connect) RxDV[1] in No function (do not connect) RxD[1] in RxD Receive data channel 1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |