Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8202NF Datasheet(PDF) 17 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 17 Page - ams AG

Back Button AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG AS8202NF Datasheet HTML 19Page - ams AG AS8202NF Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
17 - 20
AS8202NF TTP-C2NF
Data Sheet - Deta iled Description
LED Signals
The LED port consists of three pins. Via the MEDL each of these pins can be independently configured for any of the
three modes of operation. At Power-Up and after Reset the LED port is inactive and only weak pull-down resistors are
connected. After the controller is switched on by the host and when it is processing its initialization, the LED port is
initialized to the selected mode of operation.
Each LED pin can be configured to be either a push/pull driver (drives both LOW and HIGH) or to be only an open-
drain output (drives only LOW).
Table 14. LED Signals
Pin Name
Protocol Mode
Timing Mode
Bus Guardian Mode
LED2
RPV
1
or
Protocol activity7
1. RPV is Remote Pin Voting. RPV is a network-wide agreed signal used typically for agreed power-up or power-
down of the application's external drivers.
Time Overflow
2
2. Time Overflow is active for one clock cycle at the event of an overflow of the internal 16-bit time counter. Time
Tick is active for one clock cycle when the internal time is counted up. Time Overflow and Time Tick can be used
to externally clone the internal time control unit (TCU). With this information the application can precisely sample
and trigger events, for example.
Action Time
3
3. Action Time signals the start of a bus access cycle.
LED1
Sync Valid
4
4. The controller sets this output when cluster synchronization is achieved (after integration from the LISTEN state,
after acknowledge in the COLDSTART state).
Time Tick
2
BDE1
5
5. BDE0 and BDE1 show the Bus Guardian's activity, '1' signals an activated transmitter gate on the respective
channel.
LED0
Protocol activity
6
or RPV
7
6. Protocol activity is typically connected to an optical LED. The flashing frequency and rhythm give a simple view
to the internal TTP protocol state.
7. LED2's RPV mode and LED0's Protocol activity mode can be swapped with a MEDL parameter.
Microtick
8
8. Microtick is the internal main clock signal.
BDE0
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com