Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA4042 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA4042
Description  23-34GHz High Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4042 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA4042 Datasheet HTML 1Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 2Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 3Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 4Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 5Page - United Monolithic Semiconductors CHA4042 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA4042
Ref. : DSCHA40422218 -06-Aug.-02
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
23–34GHz High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA4042 is a three-stage pHEMT
HPA MMIC designed for point-to-point and
multi-point
radio,
and
other
Ka-band
applications.
The
CHA4042
provides
25dBm nominal output power at 1dB gain
compression over the 23-34GHz frequency
range, and 20dB small signal gain. This
product will be available in chip form.
Main Features
¾ Frequency Range:
23-34GHz
¾ Gain:
20dB
¾ Output Power (P-1dB): 25dBm
¾ Output TOI:
33dBm
¾ Input Return Loss:
18dB
¾ Output Return Loss:
11dB
¾ Bias:
6V, 300mA
¾ Dimensions: 1.93 x 1.09 x 0.07mm
Predicted
Gain
&
Return
Predicted Gain & Return Loss
0
5
10
15
20
25
20
21 22
23
24 25
26
27 28
29
30 31
32
33 34
35
Frequency (GHz)
-25
-20
-15
-10
-5
0
← Gain
Input Rloss
Output Rloss


Similar Part No. - CHA4042

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4092-99F/00 UMS-CHA4092-99F/00 Datasheet
66Kb / 4P
20-30GHz High Power Amplifier
CHA4092REF UMS-CHA4092REF Datasheet
66Kb / 4P
20-30GHz High Power Amplifier
CHA4094 UMS-CHA4094 Datasheet
79Kb / 4P
36-40GHz High Power Amplifier
CHA4094-99F/00 UMS-CHA4094-99F/00 Datasheet
79Kb / 4P
36-40GHz High Power Amplifier
More results

Similar Description - CHA4042

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
logo
TriQuint Semiconductor
TGA1088 TRIQUINT-TGA1088 Datasheet
263Kb / 4P
23 - 29 GHz High Power Amplifier
TGA9070 TRIQUINT-TGA9070 Datasheet
201Kb / 7P
23 - 29 GHz High Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2522BL SIGE-SE2522BL Datasheet
399Kb / 8P
RangeCharger??2.4GHz 23 dBm Power Amplifier Preliminary Information
logo
Alpha Industries
AA022P1-00 ALPHA-AA022P1-00 Datasheet
139Kb / 2P
18-23 GHz GaAs MMIC Power Amplifier
AA022P2-00 ALPHA-AA022P2-00 Datasheet
126Kb / 2P
21-23 GHz GaAs MMIC Medium Power Amplifier
logo
NEC
MC-7893 NEC-MC-7893 Datasheet
52Kb / 6P
1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
NXP Semiconductors
CGD942C NXP-CGD942C Datasheet
284Kb / 7P
870 MHz, 23 dB gain power doubler amplifier
Rev. 02-19 November 2009
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
logo
Marki Microwave
MQH-1434 MARKIMICROWAVE-MQH-1434 Datasheet
346Kb / 8P
MMIC 14-34GHz Quadrature Hybrid
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com