Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6274-E/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP6274-E/ST
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6274-E/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP6274-E/ST Datasheet HTML 27Page - Microchip Technology MCP6274-E/ST Datasheet HTML 28Page - Microchip Technology MCP6274-E/ST Datasheet HTML 29Page - Microchip Technology MCP6274-E/ST Datasheet HTML 30Page - Microchip Technology MCP6274-E/ST Datasheet HTML 31Page - Microchip Technology MCP6274-E/ST Datasheet HTML 32Page - Microchip Technology MCP6274-E/ST Datasheet HTML 33Page - Microchip Technology MCP6274-E/ST Datasheet HTML 34Page - Microchip Technology MCP6274-E/ST Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21810F-page 31
MCP6271/1R/2/3/4/5
APPENDIX A:
REVISION HISTORY
Revision F (March 2008)
The following is the list of modifications:
1.
Increased maximum operating VDD.
2.
Updated Section 5.0 “Design Tools”
3.
Various cleanups thoughout document.
4.
Updated
package
outline
drawings
in
Section 6.0 “Packaging Information”
Revision E (December 2006)
The following is the list of modifications:
1.
Updated specifications (Section 1.0 “Electrical
Characteristics”):
a)
Clarified Absolute Maximum Analog Input
Voltage and Current specifications.
b)
Clarified
VCMR, VOL, VOH, and PM
specifications.
c)
Corrected the typical Eni.
2.
Added plots on Common Mode Input Range
behavior vs. temperature and supply voltage
(Section 2.0 “Typical Performance Curves”).
3.
Added applications writeup on unused op amps
and corrected description of floating CS pin
behavior (Section 4.0 “Application Informa-
tion”).
4.
Updated
package
information
(Section 6.0
“Packaging Information”):
a)
Corrected package markings.
b)
Added
disclaimer
to
package
outline
drawings.
Revision D (December 2004)
The following is the list of modifications:
1.
Added SOT-23-5 packages for the MCP6271
and MCP6271R single op amps.
2.
Added SOT-23-6 packages for the MCP6273
single op amp.
3.
Added Section 3.0 “Pin Descriptions”.
4.
Corrected application circuits
(Section 4.9 “Application Circuits”).
5.
Added SOT-23-5 and SOT-23-6 packages and
corrected
package
marking
information
(Section 6.0 “Packaging Information”).
6.
Added Appendix A: Revision History.
Revision C (June 2004)
• Undocumented Changes
Revision B (October 2003)
• Undocumented Changes
Revision A (June 2003)
• Original data sheet release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com