Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6274-E/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6274-E/ST
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6274-E/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6274-E/ST Datasheet HTML 6Page - Microchip Technology MCP6274-E/ST Datasheet HTML 7Page - Microchip Technology MCP6274-E/ST Datasheet HTML 8Page - Microchip Technology MCP6274-E/ST Datasheet HTML 9Page - Microchip Technology MCP6274-E/ST Datasheet HTML 10Page - Microchip Technology MCP6274-E/ST Datasheet HTML 11Page - Microchip Technology MCP6274-E/ST Datasheet HTML 12Page - Microchip Technology MCP6274-E/ST Datasheet HTML 13Page - Microchip Technology MCP6274-E/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MCP6271/1R/2/3/4/5
DS21810F-page 10
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.0V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL =10kΩ to VL, CL = 60 pF and CS is tied low.
FIGURE 2-25:
Quiescent Current vs. Chip
Select (CS) Voltage, with VDD = 2.0V (MCP6273
and MCP6275 only).
FIGURE 2-26:
Large Signal Non-inverting
Pulse Response.
FIGURE 2-27:
Small Signal Non-inverting
Pulse Response.
FIGURE 2-28:
Quiescent Current vs. Chip
Select (CS) Voltage, with VDD = 5.5V (MCP6273
and MCP6275 only).
FIGURE 2-29:
Large Signal Inverting Pulse
Response.
FIGURE 2-30:
Small Signal Inverting Pulse
Response.
0
50
100
150
200
250
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Chip Select Voltage (V)
Hysteresis
Op Amp turns Off
Op Amp turns On
VDD = 2.0V
CS swept
High-to-Low
CS swept
Low-to-High
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (5 µs/div)
G = +1 V/V
VDD = 5.0V
Time (2 µs/div)
G = +1 V/V
0
100
200
300
400
500
600
700
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Chip Select Voltage (V)
Hysteresis
Op Amp
turns
On/Off
CS swept
Low-to-High
VDD = 5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (5 µs/div)
G = -1 V/V
VDD = 5.0V
Time (2 µs/div)
G = -1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com