Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9301FP Datasheet(PDF) 7 Page - Davicom Semiconductor, Inc.

Part # DM9301FP
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9301FP Datasheet(HTML) 7 Page - Davicom Semiconductor, Inc.

Back Button DM9301FP Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 11Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DM9301FP
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
7
Version: DM9301FP-DS-F03
June 06, 2007
LED Interface(Continued)
52
TXERRLED#
OD
TX Error LED:
Indicates an error was detected by the TX Code Group
Alignment Monitor function on the TX receiver. Active
low (Open Drain Output)
The DM9301FP incorporates a "monostable" function on
the TXERRLED output. This ensures that even
minimum size errors generate adequate LED ON to
insure visibility.
Diagnostic Port Interface
36
FXALPBK
I
FX Interface Analog Loop Back:
Loops the FX NRZI analog transmit data path to the FX
NRZI analog receive path.
Initiated at an H/W reset. Active high.
35
TXALPBK
I
TX Interface Analog Loop Back:
Loops the TX NRZI analog transmit data path to the TX
NRZI analog receive path.
Initiated at an H/W reset. Active high.
96
FXDLPBK
I
FX Interface Digital Loop Back:
Loops the FX 5-bit symbol digital transmit data path to
the FX 5-bit symbol digital receive path.
Initiated at an H/W reset. Active high.
97
TXDLPBK
I
TX Interface Digital Loop Back:
Loops the TX 5-bit symbol digital transmit data path to
the TX 5-bit symbol digital receive path.
Initiated at an H/W reset. Active high.
79, 77,
76, 74,
73
RXD0, RXD1,
RXD2, RXD3,
RXD4
0
Receive Data 4 through 0:
The receive data 5-bit symbol interface. Data is clocked
out on the falling edge of RXCLK.
70
RXCLK
O
Receive Clock:
25 MHz recovered clock, clock source is selected by the
MUXCTL1 and MUXCTL0.
48, 47,
45, 44,
43
TXD0, TXD1,
TXD2, TXD3,
TXD4
I
Transmit Data 4 through 0:
The transmit data 5-bit symbol interface. Data is clocked
in on the rising edge of TXCLK.
71
TXCLK
O
Transmit Clock:
25 MHz recovered clock, clock source is selected by the
MUXCTL1 and MUXCTL0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com